Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5240B Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MMBZ5240B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBZ5240B Datasheet(HTML) 2 Page - Rectron Semiconductor

  MMBZ5240B Datasheet HTML 1Page - Rectron Semiconductor MMBZ5240B Datasheet HTML 2Page - Rectron Semiconductor MMBZ5240B Datasheet HTML 3Page - Rectron Semiconductor MMBZ5240B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
4.0
5.0
6.0
6.5
7.0
8.0
8.4
9.1
9.9
11
12
14
15
17
18
21
21
23
25
27
30
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
3.0
3.0
3.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
1300
1600
1600
1700
1900
2000
1900
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
30
30
28
24
23
22
19
17
11
7
5
6
8
10
17
22
30
13
16
17
21
25
29
33
41
44
49
58
70
80
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
8.5
7.8
7.0
6.2
5.6
5.2
5.0
4.5
4.2
3.8
3.4
3.2
2.57
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.89
6.46
7.13
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
20.90
22.80
25.65
26.60
28.50
31.35
34.20
37.05
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
28
30
33
36
39
2.84
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.51
7.14
7.88
8.61
9.56
11.55
10.50
12.60
13.65
15.75
16.80
18.90
21.00
23.10
25.20
28.35
29.40
31.50
34.65
37.80
40.95
MMBZ5223B
MMBZ5225B
MMBZ5226B
MMBZ5227B
MMBZ5228B
MMBZ5229B
MMBZ5230B
MMBZ5231B
MMBZ5232B
MMBZ5234B
MMBZ5235B
MMBZ5236B
MMBZ5237B
MMBZ5239B
MMBZ5240B
MMBZ5241B
MMBZ5242B
MMBZ5243B
MMBZ5245B
MMBZ5246B
MMBZ5248B
MMBZ5250B
MMBZ5251B
MMBZ5252B
MMBZ5254B
MMBZ5255B
MMBZ5256B
MMBZ5257B
MMBZ5258B
MMBZ5259B
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
Test
Maximum Zener impedance
Maximum
Max
Min
Nom
Volts
Volts
Volts
Zener voltage Range(Note 1)
current
reverse leakage current
VZ (V) @ IZT
ZZT
at
at IZT
ZZK
IZK
IR
at VR
IZT (mA)
(mA)
(uA)
(V)
TYPE
(W)
(W)
Note 1. Tested with pulses,Tp<1.0ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com