Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4685 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MMSZ4685
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ4685 Datasheet(HTML) 3 Page - Rectron Semiconductor

  MMSZ4685 Datasheet HTML 1Page - Rectron Semiconductor MMSZ4685 Datasheet HTML 2Page - Rectron Semiconductor MMSZ4685 Datasheet HTML 3Page - Rectron Semiconductor MMSZ4685 Datasheet HTML 4Page - Rectron Semiconductor MMSZ4685 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTICS CURVES ( MMSZ4681-MMSZ4717 )
4
6
8
2
0
-2
-3
100
10
1
1.2
0
1.0
0.8
0.6
0.4
0.2
0
25
50
75
100
125
150
1
10
100
2
3
4
5
6
7
8
9
10
11
12
10
100
1000
100
10
1
Figure 1 Temperature Coefficients
(Temperature Range -55OC to +150OC)
Figure 3 Steady State Power Derating
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 2 Temperature Coefficients
(Temperature Range -55OC to +150OC)
VZ, NOMINAL ZENER VOLTAGE (V)
T, TEMPERATURE (OC)
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 5 Effect of Zener Voltage on
Zener Impedance
1000
100
10
1
0.1
1
10
100
1000
PW, PULSE WIDTH (mS)
Figure 4 Maximum Nonrepetitive Surge Power
VZ @ IZT
TYPICAL TC VALUES
TYPICAL TC VALUES
VZ @ IZT
PD versus TL
PD versus TA
RECTANGULAR
WAVEFORM, TA = 25OC
TJ = 25OC
IZ(AC) =0.1 IZ(DC)
f = 1kHz
IZ = 1mA
5mA
20mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com