Electronic Components Datasheet Search
  English  ▼

X  

RS201M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RS201M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS201M Datasheet(HTML) 1 Page - Rectron Semiconductor

  RS201M Datasheet HTML 1Page - Rectron Semiconductor RS201M Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Ideal for printed circuit board
* Mounting position: Any
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RS201M
THRU
RS207M
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
2005-3
REV:A
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Output Current TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
T J
VRMS
Volts
Volts
Amps
50
-55 to + 150
Amps
0 C
UNITS
Volts
Maximum Reverse Current at Rated
CHARACTERISTICS
Dc Blocking Voltage per element
VF
SYMBOL
IR
1.1
0.5
Maximum Forward Voltage Drop per Bridgeat
Volts
@TA = 25
oC
@TA = 100
oC
5.0
Element at 2.0A DC
uAmps
mAmps
UNITS
MECHANICAL DATA
RS-2M
37
2. Unit case mounted on 1.6 x 1.6 x 0.06” thick (4.0 x 4.0 x 0.15cm) Al. Plate
3. Units mounted on P.C.B. with 0.5 x 0.5” (12 x 12mm) copper pads and 0.375” (9.5mm) lead length
4. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
2.0
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
RS201M RS202M RS203M RS204M RS205M RS206M RS207M
RS201M RS202M RS203M RS204M RS205M RS206M RS207M
Typical Thermal Resistance per leg (NOTE 2)
R
θ JA
R
θ JC
0C/W
(NOTE 3)
Typical Junction Capacitance (Note1)
C J
15
pF
Storage Temperature Range
TSTG
-55 to + 150
0 C
11
.807 (20.5)
.768 (19.5)
.098 (2.5)
.083 (2.1)
.043 (1.1)
.035 (0.9)
.209 (5.3)
.193 (4.9)
.209 (5.3)
.193 (4.9)
.209 (5.3)
.193 (4.9)
.047 (1.2)
.146 (3.7)
.130 (3.3)
.031 (0.8)
.024 (0.6)
.016 (0.4)


Similar Part No. - RS201M

ManufacturerPart #DatasheetDescription
logo
Bytes
RS201M BYTES-RS201M Datasheet
146Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS201M UNIOHM-RS201M Datasheet
61Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
RS201M GWSEMI-RS201M Datasheet
62Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Rectron Semiconductor
RS201M RECTRON-RS201M_11 Datasheet
197Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
More results

Similar Description - RS201M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS201L RECTRON-RS201L Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
logo
WILLAS ELECTRONIC CORP
RS201L WILLAS-RS201L Datasheet
204Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Rectron Semiconductor
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SLDB101S RECTRON-SLDB101S_10 Datasheet
202Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MB1S RECTRON-MB1S Datasheet
175Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
MSB301S RECTRON-MSB301S Datasheet
211Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-08 REV:A
SLDB207S RECTRON-SLDB207S Datasheet
100Kb / 8P
VOLTAGE 1000 Volts CURRENT 2.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-07 REV:O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com