Electronic Components Datasheet Search
  English  ▼

X  

SD103 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SD103
Description  SCHOTTKY SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SD103 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SD103 Datasheet HTML 1Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thermal Resistance
Junction to Ambient
Typical Junction Capacitance
pF
VALUE
20
SD103C
SD103B
UNITS
SD103A @ VR= 30V
ns
10
trr
A
IFRM
V
0.37
Cj
Maximum Forward Voltage
VF
IF= -IR= 10-200mA, revover to 0.1 IF
Max Reverse Recovery Time
IF= 20mA
VR= 0, f= 1MHz
50 typ
Ratings
Items
Reverse Voltage
1.0
Peak Forward Surge Current PW= 1sec.
RATINGS
SYMBOL
oC
40
0.25
400
350
-65 to 175
-65 to 175
mA
oC
P
IF
Units
V
K/mW
mW
Tj
Tstg
Symbol
RthA
VR
Power Dissipation
Forward Current
Junction Temp.
Storage Temp.
IF= 200mA
0.6
Hermetically sealed glass
Materials
DO-35
Passivated
Items
Package
Case
Chip
SD103B @ VR= 20V
SD103C @ VR= 10V
Maximum Reverse Current
IR
5.0
uA
30
Peak Repetative Reverse Voltage
VRRM
V
SD103A
40
SD103 SCHOTTKY SWITCHING DIODE
SD103
A,B,C
Electrical Characteristics (Ta= 25
oC)
Dimensions in millimeters
Absolute Maximum Ratings (Ta= 25
oC)
Mecanical Data
DO-35
www.rectron.com
011705
1 of 1


Similar Part No. - SD103

ManufacturerPart #DatasheetDescription
logo
DFI Inc
SD103 DFI-SD103 Datasheet
1Mb / 2P
7/6th Gen Intel® CoreTM Thin Mini-ITX
SD103-H110 DFI-SD103-H110 Datasheet
1Mb / 2P
7/6th Gen Intel® CoreTM Thin Mini-ITX
SD103-Q170NRM DFI-SD103-Q170NRM Datasheet
1Mb / 2P
7/6th Gen Intel® CoreTM Thin Mini-ITX
logo
Dc Components
SD1030 DCCOM-SD1030 Datasheet
249Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Won-Top Electronics
SD1030 WTE-SD1030 Datasheet
64Kb / 4P
10A SCHOTTKY BARRIER DIODE
More results

Similar Description - SD103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
Schottky Barrier Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com