Electronic Components Datasheet Search
  English  ▼

X  

KBJ6 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBJ6
Description  6.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBJ6 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBJ6 Datasheet HTML 1Page - Won-Top Electronics KBJ6 Datasheet HTML 2Page - Won-Top Electronics KBJ6 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBJ6A – KBJ6M
1 of 3
© 2002 Won-Top Electronics
KBJ6A – KBJ6M
6.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
G
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
C
+
~
~
-
H
K
D
J
E
Mechanical Data
P
R
R
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
M
MIL-STD-202, Method 208
N
!
Polarity: As Marked on Body
!
Weight: 4.0 grams (approx.)
!
Mounting Position: Any
S
!
Marking: Type Number
G
T
L
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBJ6A KBJ6B KBJ6D KBJ6G
KBJ6J
KBJ6K KBJ6M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
@TA = 25°C
IO
6.0
2.8
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
170
A
I2t Rating for Fusing (t < 8.35ms)
I2t
100
A2s
Forward Voltage (per diode)
@IF = 3.0A
VFM
1.05
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
5.0
500
µA
Typical Thermal Resistance (per leg) (Note 1)
RJA
26
K/W
Typical Thermal Resistance (per leg) (Note 2)
RJC
3.4
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Thermal resistance junction to ambient, mounted on PCB at 9.5mm lead length.
2. Thermal resistance junction to case, mounted on 7.5 x 7.5 x 0.8cm thick AL plate heatsink.
WT E
PO W E R SEM IC O ND UC TO R S
KBJ-6
Dim
Min
Max
A
29.7
30.3
B
19.7
20.3
C
4.7
4.9
D
17.0
18.0
E
3.8
4.2
G
3.1Ø
3.4Ø
H
2.3
2.7
J
0.9
1.1
K
2.0
2.4
L
0.6
0.7
M
4.4
4.8
N
3.4
—
P
9.8
10.2
R
7.3
7.7
S
10.8
11.2
T
2.6
—
All Dimensions in mm


Similar Part No. - KBJ6

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
KBJ6 NELLSEMI-KBJ6 Datasheet
232Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 6A
logo
Goodwork Semiconductor ...
KBJ60 GWSEMI-KBJ60 Datasheet
67Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBJ600 FCI-KBJ600 Datasheet
145Kb / 2P
6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Zibo Seno Electronic En...
KBJ60010 ZSELEC-KBJ60010 Datasheet
111Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
KBJ6005 RFE-KBJ6005 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
More results

Similar Description - KBJ6

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
UG6KB05 ZSELEC-UG6KB05_V01 Datasheet
105Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com