Electronic Components Datasheet Search
  English  ▼

X  

EMD3 Datasheet(PDF) 2 Page - Rohm

Part # EMD3
Description  General purpose (Dual digital transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD3 Datasheet(HTML) 2 Page - Rohm

  EMD3 Datasheet HTML 1Page - Rohm EMD3 Datasheet HTML 2Page - Rohm EMD3 Datasheet HTML 3Page - Rohm EMD3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMD3 / UMD3N / IMD3A
Transistors
Rev.D
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
II
R1
GI
R2/R1
Min.
−
3
−
−
−
7
30
0.8
−
−
0.1
−
−
10
−
1
0.5
−
0.3
0.88
0.5
13
−
1.2
V
VCC
=5V, IO=100
µA
VO
=0.3V, IO=10mA
IO
=10mA, II=0.5mA
VI
=5V
VCC
=50V, VI=0V
−
VO
=5V, IO=5mA
V
mA
µA
k
Ω
−
−−
Typ.
Max.
Unit
Conditions
VI (off)
VI (on)
VO (on)
IO (off)
fT
−
250
−
VCE
=10V, IE=
−5mA, f=100MHz
∗
MHz
∗ Transition frequency of the device
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Transition frequency
Resistance ratio
Packaging specifications
Package
Code
TR
T108
3000
3000
Taping
Basic ordering
unit (pieces)
UMD3N
T2R
8000
EMD3
IMD3A
Type
Electrical characteristic curves
DTr1 (NPN)
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m
20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO=0.3V
Ta=
−40˚C
25˚C
100˚C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI (off)
(V)
03
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1
1.5
2
2.5
VCC=5V
Ta=100˚C
25˚C
−40˚C
Fig.2 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ1m 2m 5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
VO=5V
Ta=100˚C
25˚C
−40˚C
Fig.3 DC current gain vs. output
current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com