Electronic Components Datasheet Search
  English  ▼

X  

EMT1 Datasheet(PDF) 1 Page - Rohm

Part # EMT1
Description  General Purpose Transistor (Isolated Dual Transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMT1 Datasheet(HTML) 1 Page - Rohm

  EMT1 Datasheet HTML 1Page - Rohm EMT1 Datasheet HTML 2Page - Rohm EMT1 Datasheet HTML 3Page - Rohm EMT1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMT1 / UMT1N / IMT1A
Transistors
Rev.C
1/3
General Purpose Transistor
(Isolated Dual Transistors)
EMT1 / UMT1N / IMT1A
Features
1) Two 2SA1037AK chips in a EMT or UMT or SMT
package.
2) Mounting possible with EMT3 or UMT3 or SMT3
automatic mounting machines.
3) Transistor elements are independent,
eliminating interference.
Structure
Epitaxial planar type
PNP silicon transistor
Equivalent circuit
EMT1 / UMT1N
IMT1A
Tr2
Tr1
(3)
(2)
(1)
(4)
(5)
(6)
Tr2
Tr1
(4)
(5)
(6)
(3)
(2)
(1)
The following characteristics apply to both
Tr1 and Tr2.
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
PC
EMT1, UMT1N
IMT1A
Limits
−60
−50
−6
−150
150
−55 to +150
150 (TOTAL)
300 (TOTAL)
Unit
V
V
V
mA
°C
°C
mW ∗
1
∗2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector
power
dissipation
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
Dimensions (Unit : mm)
ROHM : EMT6
EMT1
ROHM : UMT6
EIAJ : SC-88
UMT1N
(6) (5) (4)
(1) (2) (3)
(6) (5) (4)
(1) (2) (3)
(4)
(5)
(6)
(3)
(2)
(1)
ROHM : SMT6
EIAJ : SC-74
IMT1A
Abbreviated symbol : T1
Abbreviated symbol : T1
Abbreviated symbol : T1
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions


Similar Part No. - EMT1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT1 ROHM-EMT1 Datasheet
80Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
General purpose transistors (dual digital transistors)
logo
Rohm
EMT1 ROHM-EMT1 Datasheet
101Kb / 4P
General Purpose Transistor
EMT1 ROHM-EMT1 Datasheet
80Kb / 4P
General Purpose Transistor
logo
SeCoS Halbleitertechnol...
EMT1 SECOS-EMT1 Datasheet
73Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - EMT1

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT17 ROHM-IMT17 Datasheet
121Kb / 3P
General purpose transistor (isolated dual transistors)
UMT1N ROHM-UMT1N Datasheet
80Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
IMX9 ROHM-IMX9 Datasheet
49Kb / 4P
General purpose transistor (isolated dual transistors)
IMX25 ROHM-IMX25 Datasheet
89Kb / 5P
General purpose transistor (isolated dual transistors)
IMX25 ROHM-IMX25_10 Datasheet
146Kb / 4P
General purpose transistor (isolated dual transistors)
IMT1AT110 ROHM-IMT1AT110 Datasheet
80Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
IMX9T110 ROHM-IMX9T110 Datasheet
52Kb / 4P
General purpose transistor (isolated dual transistors)
IMT17T110 ROHM-IMT17T110 Datasheet
65Kb / 3P
General purpose transistor (isolated dual transistors)
EMT1T2R ROHM-EMT1T2R Datasheet
80Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
IMX25T110 ROHM-IMX25T110 Datasheet
117Kb / 4P
General purpose transistor (isolated dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com