Electronic Components Datasheet Search
  English  ▼

X  

29331 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 29331
Description  TRANSFORMER HDSL 1168 kbps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

29331 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  29331 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
°
.005
.01
ANGLE
3 PLACE
2 PLACE
29331
C
1 END
PAGE
REV
PART NUMBER
±
TITLE
SPECIFICATIONS
AGENCY APPROVAL:
N/A
±
±
TOLERANCES
UNLESS OTHERWISE NOTED
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
8
5
2
1
3
4
7
6
GROUND ONLY
ONE END OF SHIELD
.780 MAX
(19.81)
.780 MAX
(19.81)
.640 MAX
(16.26)
.197 ±.010
(5.0)
Sq. .024
(0.61)
.591 ± .010
(15.0)
.150 MIN
(3.81)
1
4
5
8
inches
(mm)
TRANSFORMER
HDSL 1168 kbps
TEMP CLASS 105°C
1. INDUCTANCE: (1-2-3-4) @ 10 Khz, 0.1V = 2 mhy ±3%
2. TURNS RATIO: (1-2):(3-4):(5-8) = 1:1:1 ±2%
3. LEAKAGE INDUCTANCE: (1-2-3-4) @ 100 Khz,
WITH (5-8) SHORTED < 40 µhy
4. INTERWINDING CAPACITANCE: (5-8) TO (1-2-3-4)
with the sheild grounded @ 100 Khz < 75 pf
5. DC RESISTANCE: (5-8) = 1.00 OHMS ±10%
(1-2),(3-4), = 1.25 OHMS ±10%
6. RETURN LOSS: (1-2-3-4) 135 OHMS REF,
32 OHMS, .01 µf LOAD ON (5-8)
40 - 200 Khz > 17 dB
7. LONGITUDINAL BALANCE: 1-2-3-4 @ 135OHMS
200 Khz > 50 dB
8. HARMONIC DISTORION: 135 OHMS, 100 Khz, 160mADC,
5Vp-p > -70 dB
10. DIELECTRIC STRENGTH: 2500 AC (1-2-3-4) TO (5-6)
11. INSULATION RESISTANCE: @ 500 Vdc > 500 MEGOHMS
DESIGNED FOR USE WITH BROOKTREE 8921/8952


Similar Part No. - 29331

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
29331 KEYSTONE-29331 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
TE Connectivity Ltd
293311-1 TEC-293311-1 Datasheet
261Kb / 2P
REVISED PER ECR-13-009678
293311-1 TEC-293311-1 Datasheet
5Mb / 28P
NECTOR S Line lighting components
293311-2 TEC-293311-2 Datasheet
261Kb / 2P
REVISED PER ECR-13-009678
293311-2 TEC-293311-2 Datasheet
5Mb / 28P
NECTOR S Line lighting components
More results

Similar Description - 29331

ManufacturerPart #DatasheetDescription
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
1168 kbps HDSL Data Pump Chip Set
LXP710 LVL1-LXP710 Datasheet
174Kb / 2P
HDSL Framer/Mapper for 1168 kbps Applications
logo
PCA ELECTRONICS INC.
EPB5050 PCA-EPB5050 Datasheet
19Kb / 1P
HDSL Transformer
logo
SCHOTT CORPORATION
29330 SCHOTT-29330 Datasheet
18Kb / 1P
TRANSFORMER HDSL 748 kbps
30513 SCHOTT-30513 Datasheet
21Kb / 1P
TRANSFORMER HDSL, 784 Kbps, 3.0 mHy
30514 SCHOTT-30514 Datasheet
14Kb / 1P
TRANSFORMER HDSL, 1168 Kbps, 2.0 mHy
31742 SCHOTT-31742 Datasheet
17Kb / 1P
TRANSFORMER, HDSL, 1178 Kbps, 16 mAdc
logo
XFMRS Inc.
X2316HM1 XFMRS-X2316HM1_15 Datasheet
60Kb / 1P
HDSL TRANSFORMER
XF1313-24HDS XFMRS-XF1313-24HDS_15 Datasheet
74Kb / 1P
HDSL TRANSFORMER
XF2311-5HD XFMRS-XF2311-5HD_15 Datasheet
57Kb / 1P
HDSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com