Electronic Components Datasheet Search
  English  ▼

X  

32421 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 32421
Description  INDUCTOR 6 mH POTS LOW PASS FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

32421 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  32421 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
°
-.010
.02
ANGLE
3 PLACE
2 PLACE
UNLESS OTHERWISE NOTED
TOLERANCES
32421
5
1 END
PAGE
REV
PART NUMBER
+
-
+
-
+
-
6
10
5
1
INDUCTOR 6 mH
POTS LOW PASS FILTER
TITLE
SPECIFICATIONS
TEMP CLASS 130°C
1. INDUCTANCE: @ 0.1 Vrms, 10 kHz, 0-100 mAdc
@ 0 mAdc = 1-5 = 5.64 to 6.36 mH
@ 100 mAdc 1-5-6-10 = 17.8 mH MIN
1-5 = 6-10 within 4 %
2. IWC: @ 100 kHz, 0.1 Vrms
1-6 = 20 pF MAX
3. TURNS RATIO: 1-5 : 6-10 = 1 : 1 ± 2%
4. DC RESISTANCE: OHMS
1-5 = 6-10 = 5.0 MAX
5. DIELECTRIC STRENGTH: 850 Vdc, 1 minute
(1000 VDC, 1 second Schott Production Test)
1-6 AND ALL WINDINGS TO CORE
inches
(mm)
AGENCY APPROVAL:
NA
1000 PARKERS LAKE ROAD
WAYZATA. MN 55391
(952) 475-1173
1
5
6
10
.560 MAX
(14.22)
.560 MAX
(14.22)
.500 MAX
(12.70)
.110 MIN
(2.79)
.100 ±.010
(2.54)
.400 ±.010
(10.16)
.024 Sq.
(0.61)
NOTCH
X = MFG
LOCATION


Similar Part No. - 32421

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Heyco.
3242 HEYCO-3242 Datasheet
212Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3242 ADAFRUIT-3242 Datasheet
224Kb / 3P
Adafruit Feather 32u4 Bluefruit LE with Stacking Headers - Assembled
logo
KR Electronics, Inc.
3242-SMA KR-3242-SMA Datasheet
101Kb / 3P
900 MHz Bandpass Filter
logo
SCHOTT CORPORATION
32420 SCHOTT-32420 Datasheet
14Kb / 1P
INDUCTOR 4 mH POTS LOW PASS FILTER
More results

Similar Description - 32421

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
31629 SCHOTT-31629 Datasheet
13Kb / 1P
INDUCTOR, 4 mH POTS LOW PASS FILTER
32017 SCHOTT-32017 Datasheet
13Kb / 1P
INDUCTOR, 9.3 mH POTS LOW PASS FILTER
32299 SCHOTT-32299 Datasheet
13Kb / 1P
INDUCTOR, 6 mH POTS LOW PASS FILTER
32300 SCHOTT-32300 Datasheet
13Kb / 1P
INDUCTOR 4 mH POTS LOW PASS FILTER
32420 SCHOTT-32420 Datasheet
14Kb / 1P
INDUCTOR 4 mH POTS LOW PASS FILTER
32423 SCHOTT-32423 Datasheet
15Kb / 1P
INDUCTOR, 6 mH POTS LOW PASS FILTER
32454 SCHOTT-32454 Datasheet
14Kb / 1P
INDUCTOR, 4 mH POTS LOW PASS FILTER
32455 SCHOTT-32455 Datasheet
14Kb / 1P
INDUCTOR , 4 mH POTS LOW PASS FILTER
32457 SCHOTT-32457 Datasheet
13Kb / 1P
INDUCTOR, 6 mH POTS LOW PASS FILTER
32458 SCHOTT-32458 Datasheet
25Kb / 1P
INDUCTOR, 6 mH, POTS LOW PASS FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com