Electronic Components Datasheet Search
  English  ▼

X  

SM4933 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SM4933
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SM4933 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SM4933 Datasheet HTML 1Page - Rectron Semiconductor SM4933 Datasheet HTML 2Page - Rectron Semiconductor SM4933 Datasheet HTML 3Page - Rectron Semiconductor SM4933 Datasheet HTML 4Page - Rectron Semiconductor SM4933 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AMBIENT TEMPERATURE, (OC)
25
0.8
1.0
0
0.6
0.4
0.2
0
75
50
175
100
125
150
RATING AND CHARACTERISTICS CURVES ( SM4933 THRU SM4937 )
FIG.2 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.1 TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0.1
10
1.0
1000
100
60
20
40
80
100
120
140
FIG.3 TYPICAL REVERSE
CHARACTERISTICS
trr
IFM 1.0
i(t)
0
IRM (REC)
1cm
SET TIME BASE FOR 50/100 ns/cm
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
TA = 25 OC
TA = 75 OC
TA = 100 OC
8
7
6
5
4
3
2
1
115Va 10K
60Hz 2W
C.P.CLARE
HPG 1002
30 Vdc
CONSTANT VOLTAGE
SUPPLY
3.8uH
/1.4
1 AMP
SLO-BLO
FUSE
C1
1.0uF
300V
30
50W
NON-INDUCTIVE
UNIT
UNDER TEST
R2
1
10W
NON-
INDUCTIVE
C1
1.0uF
300V
1.0 Adc FROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE = 3mVrms MAX
MINIMIZE ALL LEAD LENGTHS
A-TEKTRONIX 545A. K PLUG IN
PRE AMP P6000 PROBE OR EQUIVALENT
R1-ADJUSTED FOR 1.4£[ BETWEEN
POINT 2 OF RELAY AND RECTIFIER
INDUCTIVE = 3.8uH
Zout 11/2 MAX
DC to 2kHz
R2-TEN-1W 10 % CARBON CORE
IN PARALLEL
TA = 25
FOR RECTIFIER
10
0
di/dt = 50A/mS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com