Electronic Components Datasheet Search
  English  ▼

X  

SMB2300C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SMB2300C
Description  SIDACTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SMB2300C Datasheet(HTML) 1 Page - Rectron Semiconductor

  SMB2300C Datasheet HTML 1Page - Rectron Semiconductor SMB2300C Datasheet HTML 2Page - Rectron Semiconductor SMB2300C Datasheet HTML 3Page - Rectron Semiconductor SMB2300C Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACTOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMB2300C
DO-214AA
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Peak One-Cycle Surge Current (Note 1)
Off-state Capacitance (Note 2)
SYMBOL
ITSM
CO
UNITS
100
38
Amps
pF
SMB2300C
SMB2300C
2006-12
CHARACTERISTICS
Peak Off-state Voltage @VDRM= 190V
VT
SYMBOL
IDRM
Switching Voltage @IS= 800mA (Note 3)
VS
uA
Minimum On-state Voltage at 1.0A
Volts
5
260
4
V
Holding Current
I H
150
mA
UNITS
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.098 gram
NOTES : 1. Surge rating test standard : 10/100uS.
2. Off-state capacitance is measured at 10KHz @0.3V with a DC48V bias.
3. Vs is measured at 100V/uS.
4. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
0.083 (2.11)
0.077 (1.96)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.096 (2.44)
0.084 (2.13)
0.060 (1.52)
0.030 (0.76)
0.220 (5.59)
0.205 (5.21)
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)


Similar Part No. - SMB2300C

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMB230 FCI-SMB230 Datasheet
114Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
Shanghai Leiditech Elec...
SMB230 LEIDITECH-SMB230 Datasheet
106Kb / 1P
Ceramic Gas Discharge Tube
More results

Similar Description - SMB2300C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A060B LITTELFUSE-T10A060B Datasheet
143Kb / 2P
SIDACtor Devices
P2000AA61L LITTELFUSE-P2000AA61L Datasheet
142Kb / 2P
SIDACtor
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
SIDACtor Protection Thyristors
logo
Rectron Semiconductor
PR058A RECTRON-PR058A Datasheet
172Kb / 3P
SIDACTOR
RL058A RECTRON-RL058A Datasheet
179Kb / 3P
SIDACTOR
RLA058A RECTRON-RLA058A Datasheet
266Kb / 4P
SIDACTOR
SMA3100A RECTRON-SMA3100A Datasheet
332Kb / 4P
SIDACTOR
logo
HuaXinAn Electronics CO...
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
SIDACtor Protection Thyristors
logo
Littelfuse
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com