Electronic Components Datasheet Search
  English  ▼

X  

BC808 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BC808
Description  SOT-23 - Power Transistor and Darlingtons
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC808 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BC808 Datasheet HTML 1Page - Rectron Semiconductor BC808 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
See below
for
Part #
TECHNICAL SPECIFICATION
SOT-23 - Power Transistor and Darlingtons
Maximum Ratings
Electrical Characteristics (at Ta = 25
°C unless otherwise specified)
RECTRON
SEMICONDUCTOR
#
t
r
a
P
y
t
i
r
a
l
o
P
V
O
B
C
)
V
(
n
i
M
V
O
E
C
)
V
(
n
i
M
V
O
B
E
)
V
(
n
i
M
P
D
)
W
(
5
2
@
OC
I
C
)
A
(
I
O
B
C
)
A
u
(
x
a
M
@
V
B
C
h
E
F
n
i
M
h
E
F
x
a
M
@
I
C
)
A
(
V
E
C
)
V
(
V
)
T
A
S
(
E
C
)
V
(
x
a
M
V
)
T
A
S
(
E
B
)
V
(
-
n
i
m
x
a
m
@
I
C
)
A
(
f
T
)
z
H
M
(
n
i
M
@
I
C
)
A
m
(
7
0
8
C
B
*
P
N
P0
5 1
5
45
5
2
.
05
.
0
0
0
1
0
20
0
1
0
0
60
0
1
10
7
.
0
0
0
5
0
1
8
0
8
C
B
*
P
N
P0
3 1
5
25
5
2
.
05
.
0
0
0
1
0
20
0
1
0
0
60
0
1
10
7
.
0
0
0
5
0
1
7
1
8
C
B
*
N
P
N0
5 1
5
45
5
2
.
05
.
0
0
0
1
0
20
0
1
0
0
60
0
1
10
7
.
0
0
0
5
0
1
8
1
8
C
B
*
N
P
N0
3 1
5
25
5
2
.
05
.
0
0
0
1
0
20
0
1
0
0
60
0
1
10
7
.
0
0
0
5
0
1
6
4
8
C
B
*
N
P
N0
8
5
66
5
2
.
01
.
0
5
1
0
30
1
1
0
5
42
50
6
.
0
0
0
1
0
1
7
4
8
C
B
*
N
P
N0
5
5
46
5
2
.
01
.
0
5
1
0
30
1
1
0
0
82
50
6
.
0
0
0
1
0
1
8
4
8
C
B
*
N
P
N0
3
0
35
5
2
.
01
.
0
5
1
0
30
1
1
0
0
82
50
6
.
0
0
0
1
0
1
9
4
8
C
B
*
N
P
N0
3
0
35
5
2
.
01
.
0
5
1
0
30
0
2
0
0
82
50
6
.
0
0
0
1
0
1
0
5
8
C
B
*
N
P
N0
5
5
45
5
2
.
01
.
0
5
1
0
30
0
2
0
0
82
50
6
.
0
0
0
1
0
1
6
5
8
C
B
*
P
N
P0
8
5
65
5
2
.
01
.
0
5
1
0
35
2
1
5
7
42
55
6
.
0
0
0
1
0
1
7
5
8
C
B
*
P
N
P0
5
5
45
5
2
.
01
.
0
5
1
0
35
2
1
0
0
82
55
6
.
0
0
0
1
0
1
8
5
8
C
B
*
P
N
P0
3
0
35
5
2
.
01
.
0
5
1
0
35
2
1
0
0
82
55
6
.
0
0
0
1
0
1
9
5
8
C
B
*
P
N
P0
3
0
35
5
2
.
01
.
0
5
1
0
35
2
1
0
0
82
55
6
.
0
0
0
1
0
1
0
6
8
C
B
*
P
N
P0
5
5
45
5
2
.
01
.
0
5
1
0
35
2
1
0
0
82
55
6
.
0
0
0
1
0
1
0
2
8
F
B
N
P
N0
0
3
0
0
3
2
5
5
2
.
05
0
.
0
0
1
0
0
20
5
5
2
0
20
6
.
0
0
3
0
1
1
2
8
F
B
P
N
P0
0
3
0
0
3
2
5
5
2
.
05
0
.
0
0
1
0
0
20
5
5
2
0
20
8
.
0
0
3
0
1
2
2
8
F
B
N
P
N0
5
2
0
5
25
5
2
.
05
0
.
0
0
1
0
0
20
5
5
2
0
20
6
.
0
0
3
0
1
3
2
8
F
B
P
N
P0
5
2
0
5
25
5
2
.
05
0
.
0
0
1
0
0
20
5
5
2
0
20
8
.
0
0
3
0
1
0
4
8
F
B
N
P
N0
4
0
44
5
2
.
05
2
0
.
0
0
0
1
0
27
6
2
2
21
0
1
0
8
3
1
1
4
8
F
B
N
P
N0
4
0
44
5
2
.
05
2
0
.
0
0
0
1
0
26
3
5
2
11
0
1
0
8
3
1
* h
FE
1V
CES
2 V
CER
3I
CEX
4MIN
5MAX


Similar Part No. - BC808

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC808 FAIRCHILD-BC808 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
General Semiconductor
BC808 GE-BC808 Datasheet
228Kb / 5P
Small Signal Transistors (PNP)
logo
AUK corp
BC808 AUK-BC808 Datasheet
82Kb / 3P
PNP Silicon Transistor (High current application Switching application)
logo
Infineon Technologies A...
BC808 INFINEON-BC808 Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC808 DIOTEC-BC808 Datasheet
175Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC808

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
MMBT3906LT1 WINNERJOIN-MMBT3906LT1 Datasheet
155Kb / 2P
SOT-23 TRANSISTOR
MMBT3904LT1 WINNERJOIN-MMBT3904LT1 Datasheet
154Kb / 2P
SOT-23 TRANSISTOR
MMBT2222LT1 WINNERJOIN-MMBT2222LT1 Datasheet
158Kb / 2P
SOT-23 TRANSISTOR
2SC5343 WINNERJOIN-2SC5343 Datasheet
166Kb / 2P
SOT-23 TRANSISTOR
logo
Guilin Strong Micro-Ele...
GM431R GSME-GM431R Datasheet
351Kb / 3P
SOT-23 TRANSISTOR
GM432 GSME-GM432 Datasheet
275Kb / 3P
SOT-23 TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
MMBT2222LT1 WINNERJOIN-MMBT2222LT1_15 Datasheet
158Kb / 2P
SOT-23 TRANSISTOR
MMBT3904LT1 WINNERJOIN-MMBT3904LT1_15 Datasheet
154Kb / 2P
SOT-23 TRANSISTOR
MMBT3906LT1 WINNERJOIN-MMBT3906LT1_15 Datasheet
155Kb / 2P
SOT-23 TRANSISTOR
logo
SHIKUES Electronics
2SC2412K SKTECHNOLGY-2SC2412K Datasheet
1Mb / 3P
SOT- 23 TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com