Electronic Components Datasheet Search
  English  ▼

X  

SPA1201 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPA1201
Description  SILICON RECTIFIER VOLAGE RANGE 50 to 600 Volts CURRENT 12 Ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPA1201 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPA1201 Datasheet HTML 1Page - Rectron Semiconductor SPA1201 Datasheet HTML 2Page - Rectron Semiconductor SPA1201 Datasheet HTML 3Page - Rectron Semiconductor SPA1201 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON RECTIFIER
VOLAGE RANGE 50 to 600 Volts CURRENT 12 Ampere
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
* High surge current capability
MECHANICAL DATA
*
Case: Molded plastic
*
Epoxy: Device has UL flammability classification 94V-O
*
Lead: MIL-STD-202E method 208C guaranteed
*
Mounting position: Any
*
Weight: 2.08 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
resistive or inductive load.
R-7
MA XIMUM R AT ING S
(At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES : 1.Measured at 1 MH
2. Heat-sink mounted 10mm max from body
Z
and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2009-10
REV:O
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Typical Current Squared Time
Typical Thermal Resistance
SYMBOL
VRRM
VDC
IFSM
CJ
TJ
VRMS
SPA1201
SPA1202
SPA1203
SPA1204
SPA1205
SPA1201
SPA1202
SPA1203
SPA1204
SPA1205
UNITS
Volts
Volts
Volts
Amps
12
400
663.7
125
8
Amps
A2S
pF
0
C
0
C
200
140
200
50
35
50
100
70
100
400
280
400
600
480
600
Storage Temperature Range
R θ J A
IO
175(Tj<200oC in Bypass Mode)
0
C/ W
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average Full Cycle
.375” (9.5mm) lead length at TL = 75oC
VF
SYMBOL
IR
UNITS
1.0
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 12A DC
Volts
@TA = 25oC
@TA = 100oC
10
100
50
.360 (9.1)
.340 (8.6)
DIA.
.064 (1.6)
.96 (24.5)
MIN.
.340 (8.6)
.360 (9.1)
.96 (24.5)
MIN.
MAX
I2T
SPA1201
SPA1205
THRU
* Ideal for solar panel PV application such as By-Pass diode
TSTG
-55 to +175
Operating Temperature Range
@TL=125oC(Note 2)
Maximum DC Forward Current


Similar Part No. - SPA1201

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SPA121M02R CDE-SPA121M02R Datasheet
229Kb / 3P
Solid Polymer Aluminum SMT Capacitors
SPA121M02R CDE-SPA121M02R Datasheet
274Kb / 4P
Long Life ??No dry out failure related mechanism
SPA121M06R CDE-SPA121M06R Datasheet
229Kb / 3P
Solid Polymer Aluminum SMT Capacitors
SPA121M06R CDE-SPA121M06R Datasheet
274Kb / 4P
Long Life ??No dry out failure related mechanism
SPA121M0ER CDE-SPA121M0ER Datasheet
229Kb / 3P
Solid Polymer Aluminum SMT Capacitors
More results

Similar Description - SPA1201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4933W RECTRON-FM4933W Datasheet
34Kb / 3P
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4933GPT CHENMKO-1N4933GPT Datasheet
95Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
SPA1501 RECTRON-SPA1501 Datasheet
462Kb / 4P
SILICON RECTIFIER VOLAGE RANGE 50 to 600 Volts CURRENT 15 Ampere
SPA1503-T-S-A01 RECTRON-SPA1503-T-S-A01 Datasheet
236Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 15 Ampere
SPA2003-T-S-A01 RECTRON-SPA2003-T-S-A01 Datasheet
315Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 20 Ampere
SF21-B RECTRON-SF21-B Datasheet
230Kb / 5P
VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com