Electronic Components Datasheet Search
  English  ▼

X  

SPA1504 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPA1504
Description  SILICON RECTIFIER VOLAGE RANGE 50 to 600 Volts CURRENT 15 Ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPA1504 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPA1504 Datasheet HTML 1Page - Rectron Semiconductor SPA1504 Datasheet HTML 2Page - Rectron Semiconductor SPA1504 Datasheet HTML 3Page - Rectron Semiconductor SPA1504 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON RECTIFIER
VOLAGE RANGE 50 to 600 Volts CURRENT 15 Ampere
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
* High surge current capability
MECHANICAL DATA
*
Case: Molded plastic
*
Epoxy: Device has UL flammability classification 94V-O
*
Lead: MIL-STD-202E method 208C guaranteed
*
Mounting position: Any
*
Weight: 2.08 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
resistive or inductive load.
SPA1501
R-7
MA XIMUM R AT ING S
(At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTES : 1. Measured at 1 MH
2. Heat-sink mounted 10mm max from body
Z
and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
2009-10
REV:O
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Typical Current Squared Time
Typical Thermal Resistance
SYMBOL
VRRM
VDC
IFSM
CJ
TJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
15
400
663.7
125
7
Amps
A2S
pF
0
C
0
C
200
140
200
100
70
100
400
280
400
600
480
600
Storage T
Operating Temperature Range
emperature Range
R θ J A
IO
-55 to +175
0
C/ W
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average Full Cycle
.375” (9.5mm) lead length at TL = 75oC
VF
SYMBOL
IR
UNITS
1.0
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 15A DC
Volts
@TA = 25oC
@TA = 100oC
10
100
50
.360 (9.1)
.340 (8.6)
DIA.
.064 (1.6)
.96 (24.5)
MIN.
.340 (8.6)
.360 (9.1)
.96 (24.5)
MIN.
MAX
I2T
SPA1501
SPA1502
SPA1503
SPA1504
SPA1505
SPA1501
SPA1502
SPA1503
SPA1504
SPA1505
50
50
35
THRU
SPA1505
* Ideal for solar panel PV application such as By-Pass diode
175(Tj<200
oC in Bypass Mode)
@TL=125oC(Note 2)
Maximum DC Forward Current


Similar Part No. - SPA1504

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPA1503-T-S-A01 RECTRON-SPA1503-T-S-A01 Datasheet
236Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 15 Ampere
logo
StarHope
SPA150AA SPSEMI-SPA150AA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPA150AA SPSEMI-SPA150AA Datasheet
647Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPA150AS SPSEMI-SPA150AS Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPA150AS SPSEMI-SPA150AS Datasheet
647Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
More results

Similar Description - SPA1504

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4933W RECTRON-FM4933W Datasheet
34Kb / 3P
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
SPA1201 RECTRON-SPA1201 Datasheet
497Kb / 4P
SILICON RECTIFIER VOLAGE RANGE 50 to 600 Volts CURRENT 12 Ampere
SPA1503-T-S-A01 RECTRON-SPA1503-T-S-A01 Datasheet
236Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 15 Ampere
SPA2003-T-S-A01 RECTRON-SPA2003-T-S-A01 Datasheet
315Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 20 Ampere
logo
Yea Shin Technology Co....
KBPC15005N YEASHIN-KBPC15005N Datasheet
399Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Ampere
logo
Rectron Semiconductor
SF21-B RECTRON-SF21-B Datasheet
230Kb / 5P
VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com