Electronic Components Datasheet Search
  English  ▼

X  

SR830K Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SR830K
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 8.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR830K Datasheet(HTML) 2 Page - Rectron Semiconductor

  SR830K Datasheet HTML 1Page - Rectron Semiconductor SR830K Datasheet HTML 2Page - Rectron Semiconductor SR830K Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
CASE TEMPERATURE, (
OC)
0
0.01
0.1
1.0
10
100
0
2
4
6
8
10
20
40
60
80
100
120
140
150
100
50
0
0.1 0.2
0.3
0.5 0.6
0.8
0.9
0.1
1.0
10
50
0.7
0.4
1.0
RATING AND CHARACTERISTICS CURVES ( SR820K THRU SR8200K )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
100
800
600
400
200
1000
2000
4000
40
0.4
1.0
4
10
80100
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
130
125
140
135
145
155
150
2
5
10
20 50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60Hz Inductive or
Resistive Load
TA = 100 OC
TA = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
SR880K~SR8200K
SR850K~SR8200K
SR820K~SR845K
SR850K~SR860K
SR820K~SR845K
SR820K~SR840K
SR850K~SR8200K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com