Electronic Components Datasheet Search
  English  ▼

X  

34583 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34583
Description  LM259X Inductor 100 關Hy .55 ADC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34583 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34583 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
.508 MAX
(12.90)
.417 ±.006
(10.6)
602
14435
YYWW
.342 MAX
(8.68)
.380 MAX
(9.65)
.342 MAX
(8.68)
.098
(2.49)
.008
(0.20)
.010
(0.25)
.028
(0.71)
NOTE:
COPLANARITY OF ±.004
ACROSS ALL LEADS
AGENCY APPROVAL:
N/A
+
-
+
-
+
-
PART NUMBER
REV
PAGE
1
34583
TOLERANCES
UNLESS
OTHERWISE
NOTED
2 PLACE
3 PLACE
ANGLE
.03
.010
°
TITLE
LM259X Inductor
100 µHy .55 ADC
1,2,3
4,5,6
B
ELECTRICAL CHARACTERISTICS
Specifications at room temperature (ref. 25°C)
1. INDUCTANCE: @ 10 kHz, 0.1 Vrms,
(1 thru 3 to 4 thru 6 ) = 100 - 130 µH
2. DC RESISTANCE:
(1 thru 3 to 4 thru 6 ) = .25 Ohms Max.
3. SRF: 1.5 MHZ Min.
4. HIPOT: 500 VDC
WINDING TO CORE
2 SEC., 5 mA MAX
GENERAL NOTES:
1. Current rating is the current at which the inductance is a minimum
of 90% of the rated value.
2. All pins may not be used; electrical schematic is based on the
standard footprint.
WAYZATA, MN 55391
CORPORATION
SCHOTT
1000 PARKERS LAKE ROAD
Jumper terminals
on PC Board.
Jumper terminals
on PC Board.
Old Schott P/N: 67144350


Similar Part No. - 34583

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34583 FESTO-34583 Datasheet
72Kb / 1P
Plug socket
logo
Wiha Tools
34583 WIHA-34583 Datasheet
63Kb / 1P
Bit slimBit electric
34583 WIHA-34583 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
More results

Similar Description - 34583

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
34531 SCHOTT-34531 Datasheet
12Kb / 1P
LM259X Inductor 100 關Hy .25 ADC
34536 SCHOTT-34536 Datasheet
12Kb / 1P
LM259X Inductor 330 關Hy .30 ADC
34539 SCHOTT-34539 Datasheet
12Kb / 1P
LM259X Inductor 100 關Hy .55 ADC
34545 SCHOTT-34545 Datasheet
13Kb / 1P
LM259X Inductor 330 關Hy .42 ADC
34548 SCHOTT-34548 Datasheet
12Kb / 1P
LM259X Inductor 100 關Hy .76 ADC
34557 SCHOTT-34557 Datasheet
13Kb / 1P
LM259X Inductor 100 關Hy 1.50 ADC
34571 SCHOTT-34571 Datasheet
12Kb / 1P
LM259X Inductor 100 關Hy 3.30 ADC
34575 SCHOTT-34575 Datasheet
14Kb / 1P
LM259X Inductor 100 關Hy .25 ADC
34592 SCHOTT-34592 Datasheet
16Kb / 1P
LM259X Inductor 100 關Hy .76 ADC
34601 SCHOTT-34601 Datasheet
15Kb / 1P
LM259X Inductor 100 關Hy 1.50 ADC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com