Electronic Components Datasheet Search
  English  ▼

X  

MT2502 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MT2502
Description  25, 35A THREE PHASE BRIDGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MT2502 Datasheet(HTML) 2 Page - Won-Top Electronics

  MT2502 Datasheet HTML 1Page - Won-Top Electronics MT2502 Datasheet HTML 2Page - Won-Top Electronics MT2502 Datasheet HTML 3Page - Won-Top Electronics MT2502 Datasheet HTML 4Page - Won-Top Electronics MT2502 Datasheet HTML 5Page - Won-Top Electronics MT2502 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MT25, 35 SERIES
2 of 6
© 2002 Won-Top Electronics
I2t Rating for Fusing
(No-Voltage Reapplied t = 8.3ms at 60Hz)
(No-Voltage Reapplied t = 10ms at 50Hz)
(100% VRRM Reapplied t = 8.3ms at 60Hz)
(100% VRRM Reapplied t = 10ms at 50Hz)
I2t
580
635
410
450
1030
1130
730
800
A2s
Forward Voltage (per element)
@Tj = 25°C, @IFM = 40Apk per single junction
VF
1.26
1.19
V
Peak Reverse Current (per leg)
@Tj = 25°C
At Rated DC Blocking Voltage
@Tj = 125°C
IR
10
5.0
µA
mA
RMS Isolation Voltage from Case to Lead
VISO
2500
V
Thermal Characteristics
Operating Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
TSTG
-40 to +150
°C
Thermal Resistance Junction to Case at
DC Operation per Bridge
RJC
1.42
1.16
K/W
Thermal Resistance Case to Heatsink
Mounting Surface, Smooth, Flat and Greased
RCS
0.2
K/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com