Electronic Components Datasheet Search
  English  ▼

X  

PB1004 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PB1004
Description  10A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PB1004 Datasheet(HTML) 1 Page - Won-Top Electronics

  PB1004 Datasheet HTML 1Page - Won-Top Electronics PB1004 Datasheet HTML 2Page - Won-Top Electronics PB1004 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PB1000 – PB1010
1 of 3
© 2002 Won-Top Electronics
PB1000 – PB1010
10A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
!
High Case Dielectric Strength
H
!
High Surge Current Capability
J
!
Ideal for Printed Circuit Board Application
G
+
~
!
Plastic Material has Underwriters Laboratory
Flammability Classification 94V-O
E
A
~
-
E
Mechanical Data
!
Case: Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 5.4 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PB
1000
PB
1001
PB
1002
PB
1004
PB
1006
PB
1008
PB
1010
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TC = 50°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage (per element)
@IF = 5.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
64
A2s
Typical Junction Capacitance (Note 3)
Cj
110
pF
Typical Thermal Resistance (Note 4)
RJC
7.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
WT E
PO W E R SEM IC O ND UC TO R S
KBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
19.00
—
D
1.27 Ø Typical
E
5.33
7.37
Hole for #6 screw
G
3.60
4.00
H
12.20
13.20
J
2.38 x 45°C Typical
All Dimensions in mm


Similar Part No. - PB1004

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PB1004 DIOTEC-PB1004 Datasheet
309Kb / 2P
Silicon-Bridge Rectifiers
PB1004 DIOTEC-PB1004 Datasheet
289Kb / 2P
Silicon-Bridge-Rectifiers
logo
Won-Top Electronics
PB1004 WTE-PB1004 Datasheet
60Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
PB1004 DIOTEC-PB1004 Datasheet
125Kb / 2P
Silicon-Bridge-Rectifiers Silizium-Br-kengleichrichter
logo
Pan Jit International I...
PB1004 PANJIT-PB1004 Datasheet
66Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - PB1004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ10A WTE-KBJ10A Datasheet
51Kb / 3P
10A BRIDGE RECTIFIER
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
10A BRIDGE RECTIFIER
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
PBPC1001 DIODES-PBPC1001 Datasheet
51Kb / 2P
10A BRIDGE RECTIFIER
DS21312 Rev. E-2
PBU1001 DIODES-PBU1001 Datasheet
70Kb / 2P
10A BRIDGE RECTIFIER
DS21309 Rev. F-3
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Won-Top Electronics
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
KBU1000 YIXIN-KBU1000 Datasheet
139Kb / 2P
10A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com