Electronic Components Datasheet Search
  English  ▼

X  

TS08 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS08
Description  METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS08 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS08 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
METALLIZED POLYPROPYLENE FILM CAPACITOR – X2
Suntan®
NON – INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
TS08
F E A T U R E S
‧
Provides interference suppression with UL, VDE, CSA, SEMKO, DEMKO, NEMKO, SEV,
FIMKO safety approvals.
‧
High dv/ dt capabilities.
SPECIFICA T IONS
VOLTAGE RATING
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
WORKING VOLTAGE
OPERATING TEMPERATURE
DIELECTRIC STRENGTH
DISSIPATION FACTOR
INSULATION RESISTANCE
300/280/275/250 VAC
0.0022 – 1uF
±10%std., ±5%
275/250 VAC. 50/60 Hz
-40℃ to 100℃
1500 VDC for 5sec.
0.08% max at 1KHz 20℃
0.3% max at 10KHz 20℃
1.R≧30,000MΩ(C≦0.33µF)
1.R≧10,000MΩ(C>0.33µF)
C
LOGO
MARK
COUNTRY
APPROVAL
STANDARD
APPROVAL NO.
CLASS
CAP. RANGE
RATED VOLTAGE
CQC
CHINA
GB/T14472-1998
CQC05001015086
X2
0.0022 to 1.0μF
275VAC
UL
U.S.A
UL1414
E254330
X2
0.0022 to 1.0μF
275VAC
VDE
GERMANY
EN-132400 / IEC-60384-14
40014905
X2
0.0022 to 1.0μF
275VAC
SEV
SWISS
EN-132400 / IEC-60384-14
05.0954
X2
0.0022 to 1.0μF
275VAC
SEMKO
SWEDEN
EN-132400 / IEC-60384-14
516926
X2
0.0022 to 1.0μF
275VAC
DEMKO
DEMARK
EN-132400 / IEC-60384-14
313641-01
X2
0.0022 to 1.0μF
275VAC
NEMKO
NORWAY
EN-132400 / IEC-60384-14
P05205346
X2
0.0022 to 1.0μF
275VAC
FIMKO
FINLAND
EN-132400 / IEC-60384-14
F1 22276
X2
0.0022 to 1.0μF
275VAC
Dimensions:
(Unit : mm)
A type
CAP
L±1.0
T±1.0
H±1.0
P±1.0
d ر0.05
CAP
L±1.0
T±1.0
H±1.0
P±1.0
d ر0.05
0.0022
12.0
5.0
11.0
10.0
0.6
0.068
18.0
5.0
11.0
15.0
0.6
0.0027
12.0
5.0
11.0
10.0
0.6
0.082
18.0
6.0
12.0
15.0
0.6
0.0033
12.0
5.0
11.0
10.0
0.6
0.1
18.0
6.0
12.0
15.0
0.8
0.0039
12.0
5.0
11.0
10.0
0.6
0.12
18.0
6.5
13.0
15.0
0.8
0.0047
12.0
5.0
11.0
10.0
0.6
0.15
18.0
7.5
13.5
15.0
0.8
0.0056
12.0
5.0
11.0
10.0
0.6
0.15
26.5
6.0
15.0
22.5
0.8
0.0068
12.0
5.0
11.0
10.0
0.6
0.18
26.5
6.0
15.0
22.5
0.8
0.0082
12.0
5.0
11.0
10.0
0.6
0.22
26.5
7.0
16.5
22.5
0.8
0.01
12.0
5.0
11.0
10.0
0.6
0.27
26.5
7.0
16.5
22.5
0.8
0.012
12.0
5.0
11.0
10.0
0.6
0.33
26.5
7.0
16.5
22.5
0.8
0.015
12.0
5.0
11.0
10.0
0.6
0.39
26.5
8.5
17.0
22.5
0.8
0.018
12.0
5.0
11.0
10.0
0.6
0.47
26.5
10.0
19.0
22.5
0.8
0.022
12.0
5.0
11.0
10.0
0.6
0.47*
26.0
12.0
21.5
22.5
0.8
0.027
12.0
5.0
11.0
10.0
0.6
0.56
31.5
10.8
19.5
27.5
0.8
0.033
12.0
5.0
11.0
10.0
0.6
0.68
31.5
10.8
19.5
27.5
0.8
0.039
12.0
5.0
11.0
10.0
0.6
0.82
31.5
10.8
19.5
27.5
0.8
0.047
18.0
5.0
11.0
15.0
0.6
1.0
31.5
13.0
21.5
27.5
0.8
0.056
18.0
5.0
11.0
15.0
0.6
B type
0.047
12.0
5.0
11.0
10.0
0.6
0.33
18.0
9.5
15.5
15.0
0.8
0.056
13.0
6.0
12.0
10.0
0.6
0.39
18.0
11.0
18.5
15.0
0.8
0.068
13.0
6.0
12.0
10.0
0.6
0.47
18.0
11.0
18.5
15.0
0.8
0.082
13.0
6.0
12.0
10.0
0.6
0.56
26.5
10.0
19.0
22.5
0.8
0.1
13.0
6.0
12.0
10.0
0.8
0.68
26.5
10.0
19.0
22.5
0.8
0.18
18.0
7.5
13.5
15.0
0.8
0.82
26.0
12.0
21.5
22.5
0.8
0.22
18.0
8.5
14.5
15.0
0.8
1.0
26.0
12.0
21.5
22.5
0.8
* Special size, P/N “8” for size code
Please contact us for special item or size not listed
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS08

ManufacturerPart #DatasheetDescription
logo
CUI INC
TS08 CUI-TS08 Datasheet
448Kb / 4P
TACTILE SWITCH
9/20/2021
TS08-66-43-BK-160-SMT-67 CUI-TS08-66-43-BK-160-SMT-67 Datasheet
448Kb / 4P
TACTILE SWITCH
9/20/2021
logo
Vishay Barry
TS0808BA-50R0JN-2S BARRY-TS0808BA-50R0JN-2S Datasheet
147Kb / 2P
DC-44GHz 4W AlN SMT Termination w/ ‘Flip-Chip’ Terminals
REV.F OCT 14 2021
TS0808BA-50R0JN-2STRD BARRY-TS0808BA-50R0JN-2STRD Datasheet
147Kb / 2P
DC-44GHz 4W AlN SMT Termination w/ ‘Flip-Chip’ Terminals
REV.F OCT 14 2021
TS0808BA-50R0JN-2SWP BARRY-TS0808BA-50R0JN-2SWP Datasheet
147Kb / 2P
DC-44GHz 4W AlN SMT Termination w/ ‘Flip-Chip’ Terminals
REV.F OCT 14 2021
More results

Similar Description - TS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
Metallized Polypropylene Film Capacitors X2-Class
logo
jb Capacitors Company
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
TS08S SUNTAN-TS08S Datasheet
118Kb / 1P
METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
X2 Metallized Polypropylene Film Capacitor
JFZA JBCAPACITORS-JFZA Datasheet
299Kb / 3P
X2 Metallized Polypropylene Film Capacitor For Capacitive Divider
JFZB JBCAPACITORS-JFZB Datasheet
273Kb / 3P
X2 Metallized Polypropylene Film Capacitor For Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com