Electronic Components Datasheet Search
  English  ▼

X  

PF5000 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # PF5000
Description  50A 1/2 PRESS-FIT DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

PF5000 Datasheet(HTML) 1 Page - Won-Top Electronics

  PF5000 Datasheet HTML 1Page - Won-Top Electronics PF5000 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PF5000 – PF5006
1 of 2
© 2006 Won-Top Electronics
Pb
PF5000 – PF5006
50A 1/2" PRESS-FIT DIODE
Features
!
Diffused Junction
!
Low Leakage
A
!
Low Cost
Anode
+
!
High Surge Current Capability
!
Typical IR less than 5.0µA
                              
Mechanical Data
!
Case: DO-21, Copper Case and Components
C
Hermetically Sealed
!
Terminals: Contact Areas Readily Solderable
!
Polarity: Cathode to Case (Reverse Units Are
F
Available Upon Request and Are Designated
By A “R” Suffix, i.e. PF5002R or PF5004R)
!
Polarity: Red Color Equals Standard,
D
Black Color Equals Reverse Polarity
E
!
Mounting Position: Any
!
Lead Free: For RoHS / Lead Free Version,
B
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PF5000 PF5001 PF5002 PF5003 PF5004 PF5005 PF5006
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
50
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
500
A
Forward Voltage
@IF = 50A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance (Note 2)
RJC
1.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
DO-21
Dim
Min
Max
A
15.77
15.97
B
12.73
12.82
C
1.25
1.31
D
9.55
9.85
E
5.70
5.90
F
28.00
—
All Dimensions in mm


Similar Part No. - PF5000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
50A 1/2 PRESS-FIT DIODE
logo
Hammond Manufacturing L...
PF5000 HAMMOND-PF5000 Datasheet
66Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Won-Top Electronics
PF5000 WTE-PF5000 Datasheet
32Kb / 2P
50A 1/2 PRESS-FIT DIODE
logo
Hammond Manufacturing L...
PF5000230 HAMMOND-PF5000230 Datasheet
66Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Won-Top Electronics
PF5000G WTE-PF5000G Datasheet
40Kb / 2P
50A GLASS PASSIVATED 1/2” PRESS-FIT DIODE
October, 2018
More results

Similar Description - PF5000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PFW5000 WTE-PFW5000 Datasheet
26Kb / 2P
50A FLAG LEAD 1/2 PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
50A 1/2 PRESS-FIT DIODE
PF5020 WTE-PF5020 Datasheet
29Kb / 2P
50A AVALANCHE 1/2 PRESS-FIT DIODE
PFW5000 WTE-PFW5000_06 Datasheet
33Kb / 2P
50A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW5020 WTE-PFW5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
50A 1/2 PRESS-FIT DIODE
PF5020 WTE-PF5020_14 Datasheet
32Kb / 2P
50A AVALANCHE 1/2??PRESS-FIT DIODE
PFS5000 WTE-PFS5000 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5020 WTE-PFS5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
logo
Naina Semiconductor ltd...
NP5002 NAINA-NP5002 Datasheet
135Kb / 2P
Press Fit Diode, 50A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com