Electronic Components Datasheet Search
  English  ▼

X  

P4SMA10 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # P4SMA10
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P4SMA10 Datasheet(HTML) 2 Page - Won-Top Electronics

  P4SMA10 Datasheet HTML 1Page - Won-Top Electronics P4SMA10 Datasheet HTML 2Page - Won-Top Electronics P4SMA10 Datasheet HTML 3Page - Won-Top Electronics P4SMA10 Datasheet HTML 4Page - Won-Top Electronics P4SMA10 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10
100
1000
10000
1
10
100
1000
V
, STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
WM
T = 25 C
j
°
Zero Bias
Stand-Off Voltage
0.1
1.0
t PULSE WIDTH ( s)
Fig. 3 Pulse Rating Curve
p
µ
0.1
10
100
1.0
10
1000
10000
T = 25 C
j
°
100
Non Repetitive
Pulse Waveform
01
2
3
100
50
0
t = 10 s
r
µ
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 4 Pulse Waveform
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
P4SMAJ SERIES
2 of 5
© 2002 Won-Top Electronics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com