Electronic Components Datasheet Search
  English  ▼

X  

36976 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 36976
Description  T3 PACKAGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

36976 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  36976 Datasheet HTML 1Page - SCHOTT CORPORATION 36976 Datasheet HTML 2Page - SCHOTT CORPORATION 36976 Datasheet HTML 3Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TITLE
1
TMP
########
REV
ECO#
DE
DWN
ALE
DATE
SIZE
CAGE CODE
SCALE
SHEET
REV
A
80023
NONE
1 OF 4
1
REVISIONS/APPROVAL
DWG NO.
36976
1000 PARKER LAKE ROAD
WAYZATA, MN 55391
(952) 475-1173
T3 PACKAGE
ELECTRICAL SPECIFICATIONS
TURNS RATIO:
(PRI TO SEC)
INDUCTANCE:
(PRI'S)
LEAKAGE INDUCTANCE:
(PRI'S) (WITH SEC'S SHORTED)
INTERWINDING CAPACITIANCE:
(PRI) TO (SEC)
D.C. RESISTANCE:
PRIMARY
SECONDARY
DIELECTRICAL VOLTAGE WITHSTAND:
(PRI) TO (SEC)
RETURN LOSS: (3-1) 75 OHM REF
860 kHz TO 1.72 MHz
1.72 MHz TO 34.4 MHz
34.4 MHz TO 51.6 MHz
NOTE: 75 OHMS CONNECTED TO PINS (4-6)
COMMON MODE REJECTION RATIO:
1 : 1 ±2%
100µH MIN. @ 0.01V. 100KHz, 25°C
40µH MIN @ 0.01V, 100KHz, - 40°C TO + 85° C
.110µH MAX. @ 0.1VRMS ,1MHz
10pf MAX @0.2 VRMS, 1MHz
0.3ohms Max.
0.3ohms Max.
1500VAC for 60 seconds (1800 VAC for 1second for production test)
12 dB MIN
18 dB MIN
14 dB MIN
50 dB OR BETTER @ 1 MHz


Similar Part No. - 36976

ManufacturerPart #DatasheetDescription
logo
Heyco.
3697 HEYCO-3697 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
Carl Kammerling Interna...
3697 CARL-3697 Datasheet
450Kb / 5P
Ratchet crimping pliers
08/05/2007
logo
List of Unclassifed Man...
36971 ETC2-36971 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
SCHOTT CORPORATION
36977 SCHOTT-36977 Datasheet
19Kb / 3P
T3 PACKAGE
logo
Heyco.
3697B HEYCO-3697B Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results

Similar Description - 36976

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13104P RHOMBUS-IND-T-13104P Datasheet
30Kb / 1P
T3 Interface Transformer
4/27/99
T-13109G RHOMBUS-IND-T-13109G Datasheet
26Kb / 1P
T3 INTERFACE TRANSFORMER
7/25/97
T-13110 RHOMBUS-IND-T-13110 Datasheet
28Kb / 1P
T3 Interface Transformer
08/27/96
logo
SCHOTT CORPORATION
36977 SCHOTT-36977 Datasheet
19Kb / 3P
T3 PACKAGE
logo
Rhombus Industries Inc.
T-13102 RHOMBUS-IND-T-13102 Datasheet
31Kb / 1P
T3 INTERFACE TRANSFORMER
2/17/97
T-13104 RHOMBUS-IND-T-13104 Datasheet
25Kb / 1P
T3 Interface Transformer
4/27/99
T-13108 RHOMBUS-IND-T-13108 Datasheet
28Kb / 1P
T3 INTERFACE TRANSFORMER
2/5/01
T-13109 RHOMBUS-IND-T-13109 Datasheet
37Kb / 1P
T3 INTERFACE TRANSFORMER
12/3/99
logo
SCHOTT CORPORATION
37194 SCHOTT-37194 Datasheet
2Mb / 1P
T3 PACKAGE
logo
XFMRS Inc.
XF0606Q1 XFMRS-XF0606Q1 Datasheet
87Kb / 1P
T3 TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com