Electronic Components Datasheet Search
  English  ▼

X  

36977 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 36977
Description  T3 PACKAGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

36977 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  36977 Datasheet HTML 1Page - SCHOTT CORPORATION 36977 Datasheet HTML 2Page - SCHOTT CORPORATION 36977 Datasheet HTML 3Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TITLE
2
TMP
########
1
TMP
########
REV
ECO#
DE
DWN
ALE
DATE
SIZE
CAGE CODE
SCALE
SHEET
REV
A
80023
NONE
1 OF 4
2
REVISIONS/APPROVAL
DWG NO.
36977
1000 PARKER LAKE ROAD
WAYZATA, MN 55391
(952) 475-1173
T3 PACKAGE
ELECTRICAL SPECIFICATIONS
TURNS RATIO:
(PRI TO SEC)
INDUCTANCE:
(PRI'S)
LEAKAGE INDUCTANCE:
(PRI'S) (WITH SEC'S SHORTED)
INTERWINDING CAPACITIANCE:
(PRI) TO (SEC)
D.C. RESISTANCE:
PRIMARY
SECONDARY
DIELECTRICAL VOLTAGE WITHSTAND:
(PRI) TO (SEC)
RETURN LOSS: (4-6) 75 OHM REF.
860 kHz TO 1.7 MHz
1.72 MHz TO 34.48 MHz
34.4 MHz TO 51.6 MHz
NOTE: 300 OHMS CONNECTED TO PINS (3-1)
COMMON MODE REJECTION RATIO:
1 :2CT ±2%
40µH MIN. @ 0.01V. 10KHz, 25°C
19uH MIN @ 0.01V, 10KHz, - 40°C TO +85°C
.110uH MAX. @ 0.1 VRMS,1MHz
12pf MAX @0.1 VRMS, 1MHz
0.3 OHMS Max.
0.3 OHMS Max.
1500VAC for 60 seconds (1800 VAC for 1second for production test)
12 dB MIN
18 dB MIN
14 dB MIN
50 dB OR BETTER @ 1 MHz


Similar Part No. - 36977

ManufacturerPart #DatasheetDescription
logo
Heyco.
3697 HEYCO-3697 Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
logo
Carl Kammerling Interna...
3697 CARL-3697 Datasheet
450Kb / 5P
Ratchet crimping pliers
08/05/2007
logo
List of Unclassifed Man...
36971 ETC2-36971 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
SCHOTT CORPORATION
36976 SCHOTT-36976 Datasheet
19Kb / 3P
T3 PACKAGE
logo
Heyco.
3697B HEYCO-3697B Datasheet
160Kb / 1P
Cable Holders - Arrowhead Mount
More results

Similar Description - 36977

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13104P RHOMBUS-IND-T-13104P Datasheet
30Kb / 1P
T3 Interface Transformer
4/27/99
T-13109G RHOMBUS-IND-T-13109G Datasheet
26Kb / 1P
T3 INTERFACE TRANSFORMER
7/25/97
T-13110 RHOMBUS-IND-T-13110 Datasheet
28Kb / 1P
T3 Interface Transformer
08/27/96
logo
SCHOTT CORPORATION
36976 SCHOTT-36976 Datasheet
19Kb / 3P
T3 PACKAGE
logo
Rhombus Industries Inc.
T-13102 RHOMBUS-IND-T-13102 Datasheet
31Kb / 1P
T3 INTERFACE TRANSFORMER
2/17/97
T-13104 RHOMBUS-IND-T-13104 Datasheet
25Kb / 1P
T3 Interface Transformer
4/27/99
T-13108 RHOMBUS-IND-T-13108 Datasheet
28Kb / 1P
T3 INTERFACE TRANSFORMER
2/5/01
T-13109 RHOMBUS-IND-T-13109 Datasheet
37Kb / 1P
T3 INTERFACE TRANSFORMER
12/3/99
logo
SCHOTT CORPORATION
37194 SCHOTT-37194 Datasheet
2Mb / 1P
T3 PACKAGE
logo
XFMRS Inc.
XF0606Q1 XFMRS-XF0606Q1 Datasheet
87Kb / 1P
T3 TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com