Electronic Components Datasheet Search
  English  ▼

X  

37513 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 37513
Description  TRANSFORMER, ADSL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

37513 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  37513 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Designed to meet UL1950/EN60950 with supplementary
insulation for a working voltage of 250V.
TEMP CLASS: 105° C, FLAMABILITY: UL94V-0
OPERATING TEMPERATURE RANGE -40°C TO +85°C
1. INDUCTANCE: @ 0.1 Vrms, 10 kHz
1-3-2-4 = 380 TO 420 µH
2. LEAKAGE INDUCTANCE: @ 0.1 VRMS, 100 kHz
1-4 TIE 2&3, SHORT 8&6,7&5 = 7.5 µH MAX
3. IWC: @ 100 kHz, 0.1 Vrms
1-4 TO 8-5 (tie 3&2, 6&7) = 40 pF MAX
4. TURNS RATIO: 1-3 : 2-4 : 8-6 : 7-5 = 1.92 : 1.92 : 1 : 1 ± 1%
5. DC RESISTANCE: OHMS MAX
1-3 = 0.550
8-6 = 0.25
2-4 = 0.550
7-5 = 0.25
6. HIPOT: 1500 VRMS, 1 MINUTE
(1800 VRMS OR 2500 VDC FOR 1 SECOND)
1&2 TO 8&7
1,2,8 & 7 TO CORE
7. LONGITUDINAL BALANCE: V1 = 0 dBM @ 100 kHz
Rs = 100 OHMS, Rl = 27.7 OHMS,
LINE = 1-3-2-4, CHIP = 8-6-7-5, V2 = 60 dB MIN.
8. HARMONIC DISTORTION: Rs = 100 OHMS, Rl = 27.7OHMS,
LINE = 1-3-2-4, CHIP = 8-6-7-5, V1 = 15 Vp-p(5.32 VRMS)
@ 40 kHz, V2 = -72 dB MAX
@ 100 kHz, V2 = -80 dB MAX
TRANSFORMER, ADSL
°
.010
.02
ANGLE
3 PLACE
2 PLACE
37513
A
1 END
PAGE
REV
PARTNUMBER
±
TITLE
SPECIFICATIONS
AGENCY APPROVAL:
BABT PENDING
±
±
TOLERANCES
UNLESSOTHERWISENOTED
inch
(mm)
1
3
4
2
8
6
5
7
1
4
5
8
.500 MAX
(12.70)
.460 MAX
(11.94)
.098
(2.50)
.024
(0.61)
.492 ±.006
(12.50)
.605 MAX
(15.37)
REF: PWB LAYOUT
.080
(2.03)
.035
(0.89)
.098
(2.50)
.615±.010
(15.62)
.435 MAX
(11.05)
.006 TO
.012
(0.2)
.012
(0.3)
LINE
CHIP
© 2000 SCHOTT CORPORATION, 1000 PARKERS LAKE ROAD, WAYZATA MN, 55391 (952) 475-1173
1000 PARKERS LAKE ROAD
WAYZATA. MN 55391
(952) 475-1173
NOTE:
COPLANARITY < .004 (0.10)
CORE ALLIGNMENT <= .010


Similar Part No. - 37513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37513 ETC2-37513 Datasheet
127Kb / 2P
STORAGE CONTAINERS
More results

Similar Description - 37513

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
ADSL TRANSFORMER
XFADSL11A XFMRS-XFADSL11A_15 Datasheet
61Kb / 1P
ADSL TRANSFORMER
XFADSL13S XFMRS-XFADSL13S_15 Datasheet
62Kb / 1P
ADSL TRANSFORMER
XFADSL21S XFMRS-XFADSL21S_15 Datasheet
60Kb / 1P
ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A_15 Datasheet
63Kb / 1P
ADSL TRANSFORMER
XFADSL27S XFMRS-XFADSL27S_15 Datasheet
46Kb / 1P
ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
ADSL TRANSFORMER
XFADSL56 XFMRS-XFADSL56_15 Datasheet
84Kb / 1P
ADSL TRANSFORMER
XFADSL46SA XFMRS-XFADSL46SA Datasheet
51Kb / 1P
ADSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com