Electronic Components Datasheet Search
  English  ▼

X  

37521 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 37521
Description  TRANSFORMER, G. SHDSL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

37521 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  37521 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSFORMER,
G. SHDSL
°
-
.02
ANGLE
3 PLACE
2 PLACE
37521
5
1 END
PAGE
REV
PART NUMBER
±
TITLE
SPECIFICATIONS
.005
±
1
4
5
2
9
7
AGENCY APPROVAL:
BABT NC/011261
TOLERANCES
UNLESSOTHERWISENOTED
inch
(mm)
1
5
6
10
.560 MAX
(14.22)
.500 MAX
(12.70)
.670 ±.010
(17.02)
.035
(0.89)
.710
18.03)
.098
(2.5)
.063
(1.60)
REF PWB LAYOUT
.008
(0.2)
.098 ±.010
(2.5)
.028
(0.7)
.606 ± .006
(15.39)
-Designed to meet EN60950 for a working voltage of 250 Vrms
-Operating temperature: -40°C TO +85°C
-Meets Telcordia GR1089,surge 1 of table 4-3 (5.0KV,2x10us)
20 pulses at 10 second intervals with alternate polarities.
1. INDUCTANCE: 0.1 VRMS, 10 kHz
1-5 TIE 4&2
100 mADC = 1.99 TO 2.15 mH (2.07mH +/- 4%)
0 mADC = 1.998 to 2.142 mH (2.07 ± 3.5%)
2. LEAKAGE INDUCTANCE: 0.1 VRMS, 100 kHz
1-5 TIE 4&2, SHORT (9-7) = 15 µH MAX
3. TURNS RATIO: 1-5 (TIE 4&2) : 9-7 = 4 : 1 ± 1%
4. DC RESISTANCE: OHMS MAX
9-7 = 0.50
1-5 (TIE 4&2) = 2.80
5. DIELECTRIC STRENGTH:
1500 VAC, 1 Minute (ALT. 2500VDC,1 Second,1800 VAC 1 Second)
Primary to Secondary - Safety Critical
720 VAC,1 Minute (ALT.1000 VDC, 1 Second)
Terminal #1 to Terminal #2
6. LONGITUDINAL BALANCE:
20 kHz TO 500 kHz = 55 dB MIN
7. FREQUENCY RESPONSE: 40 kHz TO 500 kHz = ± 0.25 db
8. RETURN LOSS: 15 dB MIN, 40 kHz TO 500 kHz,
REF = 135 OHMS, Rl = 8.4 OHMS
9. INSERTION LOSS: 0.5 dB MAX, 100 kHz,
Rs = 135 OHMS, Rl = 8.4 OHMS
10. THD: 5 kHz, 2.00Vrms = -75dB MAX
LINE
CHIP
A
B
1000 PARKERS LAKE ROAD
WAYZATA. MN 55391
(952) 475-1173
© 2000 SCHOTT CORPORATION, 1000 PARKERS LAKE ROAD, WAYZATA MN, 55391 (952) 475-1173
NOTE:
COPLANARITY < .004 (0.10)


Similar Part No. - 37521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37521 ETC2-37521 Datasheet
127Kb / 2P
STORAGE CONTAINERS
More results

Similar Description - 37521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT20345S ETC-UT20345S Datasheet
87Kb / 1P
SHDSL TRANSFORMER FOR SHDSL SOCRATES-BIAS FAMILY
logo
Bel Fuse Inc.
0560-6600-JD BEL-0560-6600-JD Datasheet
54Kb / 2P
SHDSL MAGNETICS
logo
Bourns Electronic Solut...
SM76299 BOURNS-SM76299 Datasheet
182Kb / 1P
SHDSL Line Transformer
logo
ETAL Group
P3916 ETAL-P3916 Datasheet
128Kb / 4P
SDSL/SHDSL Transformer
logo
SCHOTT CORPORATION
38136 SCHOTT-38136 Datasheet
17Kb / 1P
TRANSFORMER, SHDSL
38137 SCHOTT-38137 Datasheet
17Kb / 1P
TRANSFORMER, SHDSL
39647 SCHOTT-39647 Datasheet
31Kb / 1P
TRANSFORMER, G. SHDSL
logo
Bel Fuse Inc.
S560-6600-JE BEL-S560-6600-JE Datasheet
83Kb / 2P
SHDSL MAGNETICS
S560-6600-JG BEL-S560-6600-JG Datasheet
80Kb / 2P
SHDSL MAGNETICS
S560-6600-KZ BEL-S560-6600-KZ Datasheet
83Kb / 2P
SHDSL MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com