Electronic Components Datasheet Search
  English  ▼

X  

RB151 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # RB151
Description  1.5A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RB151 Datasheet(HTML) 1 Page - Won-Top Electronics

  RB151 Datasheet HTML 1Page - Won-Top Electronics RB151 Datasheet HTML 2Page - Won-Top Electronics RB151 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RB150 – RB1510
1 of 4
© 2006 Won-Top Electronics
Pb
RB150 – RB1510
1.5A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Recognized File # E157705
                       
C
D
Mechanical Data
!
Case: WOB, Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
!
Lead Free: For RoHS / Lead Free Version,
G
~
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RB150
RB151
RB152
RB154
RB156
RB158 RB1510
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 50°C
(Note 1)
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WTE
POWER SEMICONDUCTORS
WOB
Dim
Min
Max
A
8.60
9.10
B
5.0
5.50
C
27.9
—
D
25.4
—
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm


Similar Part No. - RB151

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Bytes
RB151 BYTES-RB151 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
RB151 CHENYI-RB151 Datasheet
136Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
RB151 DCCOM-RB151 Datasheet
386Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RB151

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5304 NTE-NTE5304 Datasheet
17Kb / 2P
Silicon Bridge Rectifier, 1.5A
logo
Won-Top Electronics
B40C1500 WTE-B40C1500 Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
KBP150 WTE-KBP150 Datasheet
35Kb / 3P
1.5A BRIDGE RECTIFIER
W005M WTE-W005M Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Diodes Incorporated
W005G DIODES-W005G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
logo
TAITRON Components Inco...
RB151 TAITRON-RB151 Datasheet
214Kb / 5P
1.5A Bridge Rectifier
logo
Diodes Incorporated
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
KBP151G ZSELEC-KBP151G Datasheet
338Kb / 2P
1.5A BRIDGE RECTIFIER
FBP005 ZSELEC-FBP005 Datasheet
84Kb / 2P
1.5A BRIDGE RECTIFIER
RB151 ZSELEC-RB151 Datasheet
163Kb / 2P
1.5A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com