Electronic Components Datasheet Search
  English  ▼

X  

USF34 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # USF34
Description  GLASS PASSIVATED ULTRAFAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

USF34 Datasheet(HTML) 1 Page - Rectron Semiconductor

  USF34 Datasheet HTML 1Page - Rectron Semiconductor USF34 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED ULTRAFAST RECTIFIER
VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
USF31
THRU
USF34
DO-201AD
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
MECHANICALDATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.18 grams
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 55
oC
Peak Forward Surge Current IFM (surge):8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
3.0
125
20
-55 to + 150
Amps
pF
0 C
UNITS
USF31
USF34
USF32
USF33
50
200
100
150
35
140
70
105
50
200
100
150
CHARACTERISTICS
SYMBOL
UNITS
USF31
USF34
USF32
USF33
.220 (5.6)
.197 (5.0)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.
VF
0.95
Maximum Forward Voltage at 3.0A DC
Volts
10
@TA = 25
oC
NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
2004-5
REV: O
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
IR
trr
uAmps
nSec
@TA =100
o C
500
20
Maximum DC Reverse Current


Similar Part No. - USF34

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
USF34 BILIN-USF34 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
USF34 LUGUANG-USF34 Datasheet
175Kb / 2P
Super Fast Rectifiers
logo
Diode Semiconductor Kor...
USF34 DSK-USF34 Datasheet
283Kb / 2P
SUPER FAST RECTIFIERS
logo
List of Unclassifed Man...
USF340 ETC2-USF340 Datasheet
157Kb / 2P
Ultra-Stable Low TC Film Resistors
logo
Caddock Electronics, In...
USF340 CADDOCK-USF340 Datasheet
181Kb / 2P
Type USF Ultra-Stable Low TC Film Resistors
More results

Similar Description - USF34

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF300G PANJIT-UF300G Datasheet
68Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
FM301 RECTRON-FM301 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
UFM301 RECTRON-UFM301 Datasheet
35Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
USF81 RECTRON-USF81 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 8.0 Amperes
MURS320 RECTRON-MURS320 Datasheet
299Kb / 4P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
UFM301L RECTRON-UFM301L Datasheet
395Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
USF21 RECTRON-USF21 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Amperes
USF41 RECTRON-USF41 Datasheet
34Kb / 2P
GLASS PASSIVATED ULTRAFAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 4.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com