Electronic Components Datasheet Search
  English  ▼

X  

USF42 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # USF42
Description  GLASS PASSIVATED ULTRAFAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 4.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

USF42 Datasheet(HTML) 1 Page - Rectron Semiconductor

  USF42 Datasheet HTML 1Page - Rectron Semiconductor USF42 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLASS PASSIVATED ULTRAFAST RECTIFIER
VOLTAGE RANGE 50 to 200 Volts CURRENT 4.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
USF41
THRU
USF44
DO-201AD
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 1.18 grams
2002-12
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 55
oC
Peak Forward Surge Current IFM (surge):8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
4.0
125
20
-55 to + 150
Amps
pF
0 C
UNITS
USF41
USF44
USF42
USF43
50
200
100
150
35
140
70
105
50
200
100
150
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
trr
UNITS
0.90
10
uAmps
nSec
Maximum DC Reverse Current
Maximum Forward Voltage at 4.0A DC
Volts
@TA = 25
oC
@TA =100
oC
USF41
USF44
USF42
USF43
500
20
.220 (5.6)
.197 (5.0)
DIA.
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.


Similar Part No. - USF42

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF SCHURTER-USF Datasheet
467Kb / 2P
Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
logo
Metcal
USF-1000 METCAL-USF-1000 Datasheet
439Kb / 2P
Solder Wire Feeder System
USF-1000 METCAL-USF-1000 Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
USF-FTA-12 METCAL-USF-FTA-12 Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
USF-FTA-12 METCAL-USF-FTA-12 Datasheet
439Kb / 2P
Solder Wire Feeder System
More results

Similar Description - USF42

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
USF81 RECTRON-USF81 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 8.0 Amperes
MDA970G1 RECTRON-MDA970G1_07 Datasheet
236Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
MUR420 RECTRON-MUR420 Datasheet
199Kb / 3P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 4.0 Amperes
SF44 RECTRON-SF44 Datasheet
41Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE 200 Volts CURRENT 4.0 Amperes
USF21 RECTRON-USF21 Datasheet
33Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Amperes
USF31 RECTRON-USF31 Datasheet
33Kb / 2P
GLASS PASSIVATED ULTRAFAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
ERBU404MV RECTRON-ERBU404MV Datasheet
379Kb / 5P
GLASS PASSIVATED SUPER FAST SILICON BRIDGE RECTIFIER VOLTAGE RANGE 200/ 400 Volts CURRENT 4.0 Amperes
2020-11 REV:O
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com