Electronic Components Datasheet Search
  English  ▼

X  

ZMM5250B Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # ZMM5250B
Description  500mW 5% mini-M.E.L.F. ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ZMM5250B Datasheet(HTML) 2 Page - Rectron Semiconductor

  ZMM5250B Datasheet HTML 1Page - Rectron Semiconductor ZMM5250B Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMM5221B
thru
ZMM5261B
500mW 5% mini-M.E.L.F. ZENER DIODE
700
27
0.1
+0.093
ZMM5258B
36
3.4
70
700
25
0.1
+0.092
ZMM5257B
33
3.8
58
600
23
0.1
+0.091
ZMM5256B
30
4.2
49
600
21
0.1
+0.091
ZMM5255B
28
4.5
44
600
15
0.1
+0.086
ZMM5250B
20
6.2
25
600
14
0.1
+0.086
ZMM5249B
19
6.6
23
600
14
0.1
+0.085
ZMM5248B
18
7.0
21
600
13
0.1
+0.084
ZMM5247B
17
7.4
19
600
12
0.1
+0.083
ZMM5246B
16
7.8
17
600
11
0.1
+0.082
ZMM5245B
15
8.5
16
600
10
0.1
+0.082
ZMM5244B
14
9.0
15
600
9.9
0.5
+0.079
ZMM5243B
13
9.5
13
600
21
0.1
+0.090
ZMM5254B
27
4.6
41
600
19
0.1
+0.089
ZMM5253B
25
5.0
35
600
18
0.1
+0.088
ZMM5252B
24
5.2
33
600
17
0.1
+0.087
ZMM5251B
22
5.6
29
900
33
0.1
+0.095
ZMM5260B
43
3
93
800
30
0.1
+0.094
ZMM5259B
39
3.2
80
1000
36
0.1
+0.095
ZMM5261B
47
2.7
150
600
9.1
1.0
+0.077
ZMM5242B
12
20
30
500
6.0
3.0
+0.058
ZMM5236B
7.5
20
6
750
5.6
3.0
+0.050
ZMM5235B
6.8
20
5
1000
4.0
5
+0.045
ZMM5234B
6.2
20
7
1600
3.5
5
+0.038
ZMM5233B
6.0
20
7
1600
3.0
5
+0.038
ZMM5232B
5.6
20
11
1600
2.0
5
+/-0.030
ZMM5231B
5.1
20
17
600
7.0
3.0
+0.068
ZMM5239B
9.1
20
10
600
6.5
3.0
+0.065
ZMM5238B
8.7
20
8
500
6.5
3.0
+0.062
ZMM5237B
8.2
20
8
600
8.0
3.0
+0.075
ZMM5240B
10
20
17
1900
2.0
5
+/-0.030
ZMM5230B
4.7
20
19
600
8.4
2.0
+0.076
ZMM5241B
11
20
22
2000
1.0
5
+/-0.055
ZMM5229B
4.3
20
22
1900
1.0
10
-0.060
ZMM5228B
3.9
20
23
1700
1.0
15
-0.065
ZMM5227B
3.6
20
24
1600
1.0
25
-0.070
IZT(mA)
ZMM5226B
3.3
20
28
CURRENT
dvz
VZ(V)
IZT(mA)
Rz (ohms)
Rz (ohms)
VR (V)
IR (uA)
(%/
oC)
IZT = 1.0mA
MAXIMUM
TEMP
VOLTAGE
IMPEDANCE
IMPEDANCE
REVERSE
COEFF.
TYPE
ZENER
MAX ZENER
MAX ZENER
ELECTRICAL CHARACTERISTICS (Ta = 25
oC unless specified otherwise)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com