Electronic Components Datasheet Search
  English  ▼

X  

TS13DF-CD71 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS13DF-CD71
Description  ALUMINUM ELECTROLYTIC CAPACITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DF-CD71 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13DF-CD71 Datasheet HTML 1Page - Suntan Capacitors TS13DF-CD71 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
TS13D CD71
Case Size DxL (mm)
WV/V
Cap/μF
6.3
10
16
25
35
0.47
--
--
--
--
--
--
--
--
--
--
1.0
--
--
--
--
--
--
--
--
--
--
2.2
--
--
--
--
--
--
--
--
--
--
3.3
--
--
--
--
--
--
--
--
--
--
4.7
--
--
--
--
--
--
--
--
5x11
34
10
--
--
--
--
5x11
47
5x11
42
5x11
43
22
--
--
5x11
57
5x11
57
6.3x11
65
6.3x11
73
33
5x11
64
5x11
64
5x11
40
6.3x11
80
8x12
100
47
5x11
76
5x11
76
6.3x11
95
6.3x11
95
8x12
120
100
6.3x11
125
6.3x11
125
8x12
160
8x12
160
10x16
230
220
8x12
215
8x12
215
10x13
275
10x16
305
13x20
410
330
8x12
265
10x16
345
10x16
375
13x20
450
13x20
505
470
10x13
370
10x16
410
10x20
485
13x20
540
13x25
655
1000
10x20
650
13x20
720
16x25
855
16x25
950
16x30
1140
2200
13x25
1160
16x25
1280
16x30
1510
19x35
1620
--
--
3300
16x25
1570
16x30
1690
19x35
1960
--
--
--
--
4700
16x30
2020
19x35
2160
--
--
--
--
--
--
6800
19x35
2600
--
--
--
--
--
--
--
--
WV/V
Cap/μF
50
63
100
160
0.47
5x11
11
--
--
5x11
14
--
--
1.0
5x11
17
--
--
5x11
21
--
--
2.2
5x11
25
--
--
6.3x11
34
--
--
3.3
5x11
27
5x11
28
6.3x11
39
10x16
49
4.7
5x11
34
6.3x11
34
6.3x11
47
10x16
59
10
6.3x11
52
6.3x11
57
8x12
71
13x20
109
22
8x12
89
8x12
95
10x16
135
13x25
177
33
8x12
105
10x13
135
13x20
220
16x25
240
47
10x13
150
10x16
180
13x20
240
16x35
329
100
10x20
265
13x20
320
16x25
425
19x35
425
220
13x25
480
16x25
575
19x35
720
--
--
330
16x25
650
16x30
655
--
--
--
--
470
16x30
835
19x35
965
--
--
--
--
Rated ripple current (mA, +85℃, 120Hz)
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com