Electronic Components Datasheet Search
  English  ▼

X  

AUIRS2016STR Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRS2016STR
Description  High Side Driver with Internal Vs Recharge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2016STR Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRS2016STR Datasheet HTML 3Page - International Rectifier AUIRS2016STR Datasheet HTML 4Page - International Rectifier AUIRS2016STR Datasheet HTML 5Page - International Rectifier AUIRS2016STR Datasheet HTML 6Page - International Rectifier AUIRS2016STR Datasheet HTML 7Page - International Rectifier AUIRS2016STR Datasheet HTML 8Page - International Rectifier AUIRS2016STR Datasheet HTML 9Page - International Rectifier AUIRS2016STR Datasheet HTML 10Page - International Rectifier AUIRS2016STR Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AUIRS2016S(TR)
www.irf.com
© 2008 International Rectifier
7
Electrical Characteristics
Unless otherwise specified, VCC = 5V, VBS = 7V, VS = 0V, IN = 0V, RES = 5V, load R = 50
Ω, C = 2.5nF.
Unless otherwise noted, these specifications apply for an operating junction temperature range of -40
°C ≤ Tj ≤
125
°C.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VCC Supply Characteristics
VCCUV+ VCC Supply Undervoltage
Positive Going Threshold
4.3
V
VCC rising from 0V
VCCUV-
VCC Supply Undervoltage
Negative Going Threshold
2.8
Vcc dropping from 5V
VCCUVH
YS
VCC Supply Undervoltage
Lockout Hysteresis
0.02
0.3
0.60
tdUVCC
Undervoltage Lockout
Response Time
0.5
20
μsec
VCC steps either from 6.5V to
2.7V or from 2.7V to 6.5V
IQCC
VCC Supply Current
400
uA
VCC = 3.6V & 6.5V
VBS Supply Characteristics
VBSUV+
VBS Supply Undervoltage
Positive Going Threshold
4.3
V
VBS rising from 0V
VBSUV-
VBS Supply Undervoltage
Negative Going Threshold
2.8
VBS dropping from 5V
VBSUVH
YS
VBS Supply Undervoltage
Lockout Hysteresis
0.02
0.3
0.60
tdUVBS
Undervoltage Lockout
Response Time
0.5
20
μsec
VBS steps either from 6.5V to
2.7V or from 2.7V to 6.5V
IQBS1
VBS Supply Current
130
μA
static mode, VBS = 7V, IN = 0V
or 5V
IQBS2
VBS Supply Current
200
μA
static mode, VBS = 16V, IN =
0V or 5V
ΔVBS
VBS Drop Due to Output
Turn-On
210
mV
VBS = 7V, CBS = 1
μF, tdIG-IN
= 3
μsec, tTEST = 100μsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com