Electronic Components Datasheet Search
  English  ▼

X  

AT10 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # AT10
Description  10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

AT10 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  AT10 Datasheet HTML 1Page - TOCOSAMERICA, INC. AT10 Datasheet HTML 2Page - TOCOSAMERICA, INC. AT10 Datasheet HTML 3Page - TOCOSAMERICA, INC. AT10 Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L
Shaft
Housing Length
A
Actual Shaft Length
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Dimensions
AT10 Series
AT10S
No Shaft, Flush Single-Slot, Side Adjust
S Terminal Style
OUT
C
IN
Ø
1.0 max.
(3 holes)
2.5
0.3
2.5
0.3
5.0
0.6
5.0 0.6
Unit: mm
Shaft
Code
20S
30S
20mm
30mm
13mm
23mm
AT10PK Shaft Codes and Dimensions
OUT
C
IN
Ø
1.0 max.
(3 holes)
2.5 0.3
2.5
0.3
2.5
0.3
5.0
0.6
Unit: mm
Recommended PCB Layouts
Electrical Schematic
P & PK Pin-Out
S Pin-Out
IN
R S1
R S2
R P
C
Z IN
Z O
OUT
AT10P
No Shaft, Flush Single-Slot, Top Adjust
P Terminal Style
104
AT10PK
13mm or 23mm Plastic Shaft with Knurled, Slotted End Style, Top Adjust, PK Terminal Style



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com