Electronic Components Datasheet Search
  English  ▼

X  

IR11672AS Datasheet(PDF) 5 Page - International Rectifier

Part # IR11672AS
Description  ADVANCED SMART RECTIFIER TM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 5 Page - International Rectifier

  IR11672AS Datasheet HTML 1Page - International Rectifier IR11672AS Datasheet HTML 2Page - International Rectifier IR11672AS Datasheet HTML 3Page - International Rectifier IR11672AS Datasheet HTML 4Page - International Rectifier IR11672AS Datasheet HTML 5Page - International Rectifier IR11672AS Datasheet HTML 6Page - International Rectifier IR11672AS Datasheet HTML 7Page - International Rectifier IR11672AS Datasheet HTML 8Page - International Rectifier IR11672AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IR11672AS
www.irf.com
© 2009 International Rectifier
5
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur.
All
voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The thermal resistance and power dissipation ratings are measured under board mounted and still air
conditions.
Parameters
Symbol
Min.
Max.
Units
Remarks
Supply Voltage
VCC
-0.3
20
V
Enable Voltage
VEN
-0.3
20
V
Cont. Drain Sense Voltage
VD
-3
200
V
Pulse Drain Sense Voltage
VD
-5
200
V
Source Sense Voltage
VS
-3
20
V
Gate Voltage
VGATE
-0.3
20
V
VCC=20V, Gate off
Operating Junction Temperature
TJ
-40
150
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
RθJA
128
°C/W
SOIC-8
Package Power Dissipation
PD
970
mW
SOIC-8, TAMB=25°C
Switching Frequency
fsw
500
kHz
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
V
CC
Supply voltage
11.4
18
V
D
Drain Sense Voltage
-3
200
V
TJ
Junction Temperature
-25
125
°C
Fsw
Switching Frequency
---
500
kHz
Recommended Component Values
Symbol
Component
Min.
Max.
Units
RMOT
MOT pin resistor value
5
75
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com