Electronic Components Datasheet Search
  English  ▼

X  

HTA20005D Datasheet(PDF) 8 Page - International Rectifier

Part # HTA20005D
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20005D Datasheet(HTML) 8 Page - International Rectifier

Back Button HTA20005D Datasheet HTML 4Page - International Rectifier HTA20005D Datasheet HTML 5Page - International Rectifier HTA20005D Datasheet HTML 6Page - International Rectifier HTA20005D Datasheet HTML 7Page - International Rectifier HTA20005D Datasheet HTML 8Page - International Rectifier HTA20005D Datasheet HTML 9Page - International Rectifier HTA20005D Datasheet HTML 10Page - International Rectifier HTA20005D Datasheet HTML 11Page - International Rectifier HTA20005D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.irf.com
HTA-SERIES
Examination of the equation relating output voltage and
resistor value reveals a special benefit of the circuit topology
utilized for remote sensing of output voltage in the
HTA200XXS series of converters. It is apparent that as the
resistance increases, the output voltage approaches the
nominal set value of the device. In fact the calculated limiting
value of output voltage as the adjusting resistor becomes
very large, is
≈ 25mV above nominal device voltage.
The consequence is that if the +sense connection is
unintentionally broken, an HTA200XXS has a fail-safe output
voltage of Vout + 25mV, where the 25mV is independent of
the nominal output voltage. It can be further demonstrated
that in the event of both the +Sense and -Sense connections
being broken, the output will be limited to Vout + 440mV.
This 440mV is also essentially constant independent of the
nominal output voltage. While operation in this condition is
not damaging to the device, not all performance parameters
will be met.
Output Voltage Adjust - Dual Output Models
By use of the Trim pin (10), the magnitude of output voltages
can be adjusted over a limited range in either a positive or
negative direction. Connecting a resistor between the trim
pin and either the output return or the positive output will
raise or lower the magnitude of output voltages. The span
of output voltage adjustment is restricted to the limits shown
in Table I.
Fig V. Connection for V
OUT Adjustment
Connect R
ADJ to + to increase, - to decrease
Table 1. Output Voltage Trim Values and Limits
Note that the nominal magnitude of output voltage resides in
the middle of the table and the corresponding resistor value
is set to
∞. To set the magnitude greater than nominal, the
adjust resistor is connected to output return. To set the
magnitude less than nominal, the adjust resistor is
connected to the +Output. (Refer to Fig V.)
For output voltage settings that are within the limits, but
between those listed in Table I, it is suggested that the
resistor values be determined empirically by selection or by
use of a variable resistor. The determined value can then
be replaced with a good quality fixed resistor for permanent
installation.
When use of this adjust feature is elected, the user should
be aware that the temperature performance of the converter
output voltage will be affected by the temperature
performance of the resistor selected as the adjustment
element and therefore, is advised to employ resistors with a
very small temperature coefficient of resistance.
VOUT RADJ
VOUT
RADJ
VOUT
RADJ
5.5
0
12.5
0
15.5
0
5.4
12.5K
12.4
47.5K
15.4
62.5K
5.3
33.3K
12.3
127K
15.3
167K
5.2
75K
12.2
285K
15.2
375K
5.1
200K
12.1
760K
15.1
1.0M
5.0
∞
12.0
∞
15.0
∞
4.9
190K
11.7
975K
14.6
1.2M
4.8
65K
11.3
288K
14.0
325K
4.7
23K
10.8
72.9K
13.5
117K
4.6
2.5K
10.6
29.9K
13.0
12.5K
4.583
0
10.417
0
12.917
0
HTA20005D
HTA20012D
HTA20015D
N/C
Trim
N/C
- Output
Output Return
+ Output
To
Loads
RADJ
HTA200XXD
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com