Electronic Components Datasheet Search
  English  ▼

X  

G43C Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # G43C
Description  4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43C Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  G43C Datasheet HTML 1Page - TOCOSAMERICA, INC. G43C Datasheet HTML 2Page - TOCOSAMERICA, INC. G43C Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Part Numbering System
G43
C
102
M
B
Resistance Tolerance: M =
20% standard.
Resistance Code: Expressed in ohms. A three digit code where the first two digits
are significant figures, and the third digit indicates the number of zeros that follow
these figures (i.e., 100 = 10Ω; 101 = 100Ω; 102 = 1,000Ω; 105 = 1,000,000Ω ).
Resistance Taper: B = Linear.
Terminal Style: Through-Hole where C = Top Adjust; CF = Bottom Adjust.
TOCOS Series Name.
G43C Series
Soldering and Cleaning Guidelines
The G43C trimmers are designed to withstand the same flow or reflow soldering methods as the SMD G43 series. Refer to the SMD
G43 series for soldering profiles. For cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
Packaging
Standard:
Bulk Packaging
Quantity
100 pieces per vinyl bag. 1,000 pieces per box.
Effective Date Feb. 2005
Part Numbers
Potentiometer
Styles
Nominal Resistance
Resistance Tolerance
20%
Value ( Ω )
Code
Catalog No. Bulk
G43C Through-Hole, C Terminal Style, Cross-Slot, Top Adjust
G43C B 100 M
G43C B 200 M
G43C B 500 M
G43C B 101 M
G43C B 201 M
G43C B 501 M
G43C B 102 M
G43C B 202 M
G43C B 502 M
G43C B 103 M
G43C B 203 M
G43C B 503 M
G43C B 104 M
G43C B 204 M
G43C B 504 M
G43C B 105 M
G43C B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43CF Through-Hole, CF Terminal Style, Cross-Slot, Bottom Adjust
G43CF B 100 M
G43CF B 200 M
G43CF B 500 M
G43CF B 101 M
G43CF B 201 M
G43CF B 501 M
G43CF B 102 M
G43CF B 202 M
G43CF B 502 M
G43CF B 103 M
G43CF B 203 M
G43CF B 503 M
G43CF B 104 M
G43CF B 204 M
G43CF B 504 M
G43CF B 105 M
G43CF B 205 M
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
50,000
100,000
200,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
503
104
204
504
105
205
G43CF
G43C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com