Electronic Components Datasheet Search
  English  ▼

X  

GF04 Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # GF04
Description  4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GF04 Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  GF04 Datasheet HTML 1Page - TOCOSAMERICA, INC. GF04 Datasheet HTML 2Page - TOCOSAMERICA, INC. GF04 Datasheet HTML 3Page - TOCOSAMERICA, INC. GF04 Datasheet HTML 4Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
37
Dimensions
GF04 Series
GF04W
W Terminal Style, Single-Slot, Top Adjust
GF04U
U Terminal Style, Single-Slot, Top Adjust
GF04S
S Terminal Style, Single-Slot, Side Adjust
GF04V
V Terminal Style, Single-Slot, Side Adjust
Unit: mm
4.7 Max.
0.2
Max.
7.0
1.0
1.0
0.2
8.0
1.0
1.8
0.2
Ø
4.8
0.3
Ø
2.7
Ø
2.0
0.3
3.5
0.3
2.5
0.35 Deep
#1
#3
#2
Ø
0.5 0.1 (3)
SLOT
0.5W
2.0L
0.8D
4.7 Max.
0.2
Max.
8.0
1.0
9.0
1.0
10.0
1.0
Ø
4.8
0.3
Ø
2.7
Ø
2.0
0.3
5.0
0.3
0.35 Deep
#1
#3
#2
Ø
0.5 0.1 (3)
SLOT
0.5W
2.0L
0.8D
1.8 0.2
4.1
0.3
0.8 0.3
5.0
1.0
6.5
0.3
Ø
4.8
0.3
Ø
2.0
0.3
2.0
Max.
6.0
0.3
3.5
0.3
2.5
#1
#3
#2
Ø
0.5 0.1 (3)
SLOT
0.5W
2.0L
0.8D
Ø
2.7
0.35 Deep
4.1
0.3
2.6
8.0
1.0
9.0
1.0
10.0
1.0
6.5
0.3
Ø
4.8
0.3
Ø
2.0
0.3
2.0
Max.
6.0
0.3
5.0
0.3
#1
#3
#2
Ø
0.5 0.1 (3)
SLOT
0.5W
2.0L
0.8D
Ø
2.7
0.35 Deep
Unit: mm
Recommended PCB Layout
Electrical Schematic
W & S Pin-Out
U & V Pin-Out
#2
wiper
#3 cw
clockwise
ccw
#1
#3
#2
#1
3.5
1.8
Ø
1.0 max.
(3 holes)
2.5
#3
#2
#1
5.0
2.5
2.5
Ø
1.0 max.
(3 holes)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com