Electronic Components Datasheet Search
  English  ▼

X  

TS21 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS21
Description  SPARK CAPACITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS21 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS21 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPARK CAPACITOR
Suntan®
TS21
F E A T U R E S
Spark gap capacitors are designed to provide a reliable
discharge path for stray, transient overvoltages and static
voltage build-up. The construction of the spark gap enable
the circuit designer to reduce cost by specifying lower
voltage components with the assurance that over-voltage
conditions will be prevented.
SPECIFICA
T
IONS
Range
Range
Code
K
M
U
V
Capacitance
(C)
Tolerance
±
10%
±
20%
Guaranted Max. Value
Guaranted Max. Value
Dissipation
Factor (DF)
2.5% Max.
Insulation
Resistance (IR)
7500MΩ Min. or R x C >75Ω·F
Working
1KV DC
1.5KV
DC
2KV DC
2.5KV DC
3KV DC
Voltage
Arc. Voltage
1~2KV DC
2~3KV
DC
2.5~3.5KV DC
3~4KV DC
4~6KV DC
+10~+85℃
Z5U
Operating
Temp. Range
-30~+85℃
Y5P
Encapsulation
Phenolic coated with wax impregnated
Dimensions and Tolerance:
D = 3.0mm max
d = 0.65mm ± 0.05mm
F = 7.5 or 10 ± 1.0mm
L=25mm min. or 5 ± 1mm for P/N-A
DIMENSION (mm)
Capacitance
Mfd (pF)
Voltage
Lead Spacing (LS)
Dia. (D)
Length (L)
Thickness (T)
0.75
1000V
6.35
9.0
13
6.35
0.75
1500V
6.35
9.0
13
6.35
0.75
2000V
6.35
9.0
13
6.35
0.001
2000V
9.50
12.0
26
6.35
0.004
3000V
9.50
24.0
27
6.35
0.01
1500V
9.50
20.0
26
6.35
0.01
2000V
9.50
20.0
26
6.35
0.01
2500V
9.50
20.0
26
6.35
0.02
1000V
9.50
24.0
27
6.35
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS21

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TS2100S PANJIT-TS2100S Datasheet
75Kb / 3P
MICRO SURFACE MOUNT SCHOTTKY BRIDGE
logo
Zibo Seno Electronic En...
TS2100S ZSELEC-TS2100S Datasheet
143Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Pan Jit International I...
TS2100S PANJIT-TS2100S_14 Datasheet
146Kb / 5P
MICRO SURFACE MOUNT SCHOTTKY BRIDGE
logo
Transys Electronics
TS210R TRSYS-TS210R Datasheet
163Kb / 2P
FAST SWITCHIING RECTIFIER(Reverse Voltage - 50 to 1000 Volts, Current - 2.0Ampere)
logo
Zibo Seno Electronic En...
TS2150S ZSELEC-TS2150S Datasheet
143Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - TS21

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
SPARK QUENCHER
RE120001 OKAYA-RE120001 Datasheet
306Kb / 1P
SPARK QUENCHER
XE01001 OKAYA-XE01001 Datasheet
401Kb / 1P
SPARK QUENCHER
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
SPARK QUENCHER
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
SPARK GAPS
logo
Okaya Electric America,...
AU120033 OKAYA-AU120033_14 Datasheet
80Kb / 1P
SPARK QUENCHER
CRE-10201 OKAYA-CRE-10201_14 Datasheet
86Kb / 1P
SPARK QUENCHER
RE12001 OKAYA-RE12001_14 Datasheet
78Kb / 1P
SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
SPARK QUENCHER
logo
Suntan Capacitors
TS21 SUNTAN-TS21_17 Datasheet
173Kb / 1P
SPARK CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com