Electronic Components Datasheet Search
  English  ▼

X  

GV4 Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # GV4
Description  4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

GV4 Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  GV4 Datasheet HTML 1Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 2Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 3Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 4Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 5Page - TOCOSAMERICA, INC. GV4 Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
23
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . . 10
Ω to 2MΩ
(standard 1, 2 & 5 sequence)
Resistance Tolerance . . . . . . . . . . . . . . . . .
10% standard
End Resistance . . . . . . . . . . 1% or 2
Ω, whichever is greater
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear
Peak Noise (C.R.V.) . . . . . . . 1% or 3
Ω, whichever is greater
Power Rating . . . . . . . 0.25 watt at
85 C; 0 watt at
150 C
Maximum Input Voltage . . . . . . . . 300VDC or power rating,
whichever is smaller
Temperature Coefficient . . . . . . . . . . . . . . . .
100 ppm / C
Insulation Resistance . . . . . . . 100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 600VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . 12
2 turns nominal
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . 13
1 turns
Shaft Torque . . . . . . . . . . . . . . . 180 gf • cm (2.49 oz • in) max.
Stop Strength . . . . . . . . . . . . . . Clutch action or wiper idles
Flammability of Plastic Materials . . . . . . . Meets UL 94V-0
Nominal Weight . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2g
Marking . . . . . . . . . . . . Resistance value or code, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
65 Cto
150 C
Low Temperature Operation . . . . 65 C, 0.25 watt, 2 hours
∆T/R ) 1%, S.S. ) 1%
High Temperature Exposure . . . . . . . . .
150 C, 250 hours
∆T/R ) 2%, S.S. ) 1%
Load Life . . . . . . . . . . . . . . . .
85 C, 0.25 watt, 1,000 hours
∆T/R ) 3% or ∆R = 3Ω, S.S. ) 2%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
65 C, 150 C,
30 minutes each, 5 cycles
∆T/R ) 2%, S.S. ) 1%
Shock . . . . . . . . . . . . 100G, 6ms, 6 directions, 3 times each
∆T/R ) 1%, S.S. ) 1%
Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude,
20G, 12 hours
∆T/R ) 1%, S.S. ) 1%
Humidity . . . . . . . . . . . . . . . . . . . . . . . .
40 C, 90-95%RH,
0.25 watt, 500 hours
∆T/R ) 3%, S.S. ) 2%
Moisture Resistance . . . . . .
10 C to
65 C, 80-98%RH,
0.25 watt, 10 cycles, 240 hours
∆T/R ) 3%
Soldering Heat Resistance . . . . 260 C, 4 sec. in, 2 sec. out
∆T/R ) 1%
Seal Test . . . . . . . . . . . . . . .
85 C, Fluorinert® for 1 minute
Rotational Life . . . 100 cycles (! 100
Ω), 200 cycles (8100Ω)
without discontinuity, no load
∆T/R ) 3% or ∆R = 3Ω
∆T/R = Total Resistance Change; S.S. = Setting Stability (voltage ratio)
®Fluorinert is a registered trademark of 3M Co.
GV4 Series
4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
TOCOS®
POTENTIOMETERS
Features
4mm square SMD, multi-turn, sealed cermet trimmers
Available in J-hook and gull-wing terminal configurations
Top or side adjustment, flush with housing
Meets EIA, EIAJ, IPC, VECI standard SMD trimmer designs
Wide temperature range of
65 Cto
150 C
TCR =
100ppm / C; Low CRV = 1%
Tape and reel packaging
Designed for flow, reflow or infrared reflow soldering
Sealed to withstand immersion cleaning processes


Similar Part No. - GV4

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
GV4024DH GREEGOO-GV4024DH Datasheet
657Kb / 3P
GV series voltage adjustable integrated solid state module
GV4028DH GREEGOO-GV4028DH Datasheet
657Kb / 3P
GV series voltage adjustable integrated solid state module
GV4044DH GREEGOO-GV4044DH Datasheet
657Kb / 3P
GV series voltage adjustable integrated solid state module
GV4048DH GREEGOO-GV4048DH Datasheet
657Kb / 3P
GV series voltage adjustable integrated solid state module
logo
Unisonic Technologies
GV4145A UTC-GV4145A Datasheet
283Kb / 8P
LOW POWER GROUND FAULT INTERRUPTER
More results

Similar Description - GV4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
20-Oct-04
TSM43 VISHAY-TSM43 Datasheet
196Kb / 3P
Surface Mount Cermet Trimmers Multi-turn Cermet Sealed, Industrial Grade
19-Jan-04
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
G43 TOCOS-G43 Datasheet
274Kb / 8P
4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com