Electronic Components Datasheet Search
  English  ▼

X  

RJC07RB102K Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # RJC07RB102K
Description  3/4?쇺? Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC07RB102K Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  RJC07RB102K Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC07RB102K Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC07RB102K Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
111
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . . 10
Ω to 1MΩ
(standard 1, 2 & 5 sequence )
Resistance Tolerance . . . . . . . . . . . . . . .
10% and
20%
End Resistance . . . . . . . . . . 1% or 3
Ω, whichever is greater
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . . . Linear
Peak Noise (C.R.V.) . . . . . . . 1% or 1
Ω, whichever is greater
for *10k
Ω; 2% max. for 820kΩ
Power Rating . . . . . . . 0.75 watt at
40 C, 0 watt at
125 C
Maximum Input Voltage . . . . . . . . 300VDC or power rating,
whichever is smaller
Temperature Coefficient . . .
100ppm / C, 200
Ω to 500kΩ
250ppm / C, other values
Insulation Resistance . . . . . . .100M
Ω minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 900VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . .13
3 turns
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . .13
3 turns
Shaft Torque . . . . . . . . 7.2 to 300 gf • cm (0.10 to 4.16 oz • in)
Stop Strength . . . . . . . . . . . . . . . . . . . . . . . . . Clutch action
Flammability of Plastic Materials . . UL 94V-0 for housing;
UL 94HB for knob
Nominal Weight . . . . . . . . . . . . . . . . . . 1.4g; 1.8g with knob
Marking . . . . . . . . . . . . . . . . . . Resistance code, date code,
model type, wiring diagram
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
55 Cto
125 C
High Temperature Exposure . . . . . . . . .
125 C, 250 hours
∆T/R ) 3%, S.S. ) 1%
Load Life . . . . . . . . . . . . . . . .
40 C, 0.75 watt, 1,000 hours
∆T/R ) 3%, S.S. ) 2%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
55 C,
125 C,
30 minutes each, 5 cycles
∆T/R ) 2%, S.S. ) 1%
Shock . . . . . . . . . . . . . 50G, 6ms, 6 directions, 3 times each
∆T/R ) 1%, S.S. ) 1%
Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude,
20G, 12 hours
∆T/R ) 1%, S.S. ) 1%
Humidity . . . . . . . . . . . . . . . . . . . . . . . . .
40 C, 90-95%RH,
0.75 watt, 1,000 hours
∆T/R ) 3%, S.S. ) 1%
Moisture Resistance . . . . . .
10 C to
65 C, 80-98%RH,
0.75 watt, 10 cycles, 240 hours
∆T/R ) 3%
Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds
∆T/R ) 1%
Seal Test . . . . . . . . . . . . . . . .
85 C, hot water for 1 minute
Rotational Life . . . . . . . . . . 200 cycles without discontinuity
∆T/R ) 5%
∆T/R = Total Resistance Change; S.S. = Setting Stability (voltage ratio)
RJC07R Series
3/4’’ Rectilinear, 13-Turn, Through-Hole, Sealed Cermet Trimmers
TOCOS®
POTENTIOMETERS
Features
3/4” rectilinear, 13-turn, through-hole, sealed cermet trimmers
Space-saving vertical mount design
Single-slot top adjustment
Knob style available for easier adjustment
High performance, excellent stability
Wide operating temperature range of
55 C to
125 C
PC board solderable pins
Sealed to withstand wave soldering and immersion cleaning
Meets UL flammability standards


Similar Part No. - RJC07RB102K

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB100K TOCOS-RJC06FB100K Datasheet
226Kb / 5P
1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB100M TOCOS-RJC06FB100M Datasheet
226Kb / 5P
1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB101K TOCOS-RJC06FB101K Datasheet
226Kb / 5P
1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB101M TOCOS-RJC06FB101M Datasheet
226Kb / 5P
1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results

Similar Description - RJC07RB102K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJC097 ETC-RJC097 Datasheet
204Kb / 4P
3/4 Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC097 TOCOS-RJC097 Datasheet
208Kb / 4P
3/4?쇺? Rectilinear, 15-Turn, Through-Hole, Sealed Cermet Trimmers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com