Electronic Components Datasheet Search
  English  ▼

X  

RV16 Datasheet(PDF) 3 Page - TOCOSAMERICA, INC.

Part # RV16
Description  16mm Diameter, Single-Turn, Carbon Industrial Panel Controls
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RV16 Datasheet(HTML) 3 Page - TOCOSAMERICA, INC.

  RV16 Datasheet HTML 1Page - TOCOSAMERICA, INC. RV16 Datasheet HTML 2Page - TOCOSAMERICA, INC. RV16 Datasheet HTML 3Page - TOCOSAMERICA, INC. RV16 Datasheet HTML 4Page - TOCOSAMERICA, INC. RV16 Datasheet HTML 5Page - TOCOSAMERICA, INC. RV16 Datasheet HTML 6Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
21
Unit: mm
Dimensions
RV16 Series
RV16YP
PCB Mount, Single Unit, Single Shaft
Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Rear Support Bracket
RV16YPL
PCB Mount, Single Unit, Single Shaft with Shaft Lock
Right Angle Mount Pin Terminals, 3-Pin Inline Pattern, 2-Pin Standoff Rear Support Bracket
Recommended
PCB Mounting Holes
Recommended
PCB Mounting Holes
RV16YG
Panel Mount, Ganged Tandem Unit, Single Shaft
Right Angle Ear-Lug Terminals on Each Unit
Recommended
Panel Mounting Hole



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com