Electronic Components Datasheet Search
  English  ▼

X  

RJC26W101M Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RJC26W101M
Description  1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC26W101M Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RJC26W101M Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC26W101M Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC26W101M Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
105
Electrical Schematic
Recommended PCB Layout
#2
wiper
#3 cw
clockwise
ccw
#1
W & X Pin-Out
Unit: mm
Unit: mm
RJC26W
W Terminal Style, Single-Slot, Top Adjust
RJC26X
X Terminal Style, Single-Slot, Side Adjust
Dimensions
RJC26 Series
#3
#2
#1
5.0
2.5
Ø
1.0 max.
(3 holes)
103
1.15 0.2
6.0 0.2
1.2 0.2
Ø
1.8 0.2
2.5
0.3
2.5
0.3
3.5
0.2
4.3
0.2
4.3 0.2
6.75 0.2
5.0 1.0
0.5 0.1 x 0.25(3)
2.5 0.3
1.0 0.2
0.2 0.2
1.3 0.3
#2
#3
#1
SLOT:
0.6 0.2 W
1.8 0.2 L
0.6 0.2 D
501
1.3 0.3
6.0 0.2
1.0 0.3
Ø
1.8 0.2
4.3 0.2
6.75 0.2
5.0 1.0
0.5 0.1 x 0.25(3)
1.15 0.2
0.2 0.2
#2
#3
#1
1.15 0.2
SLOT:
0.6 0.2 W
1.8 0.2 L
0.6 0.2 D
2.5
0.3
2.5
0.3
3.5
0.2
4.3
0.2
2.5 0.3
1.3 0.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com