Electronic Components Datasheet Search
  English  ▼

X  

RJC06SB101M Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # RJC06SB101M
Description  1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

RJC06SB101M Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  RJC06SB101M Datasheet HTML 1Page - TOCOSAMERICA, INC. RJC06SB101M Datasheet HTML 2Page - TOCOSAMERICA, INC. RJC06SB101M Datasheet HTML 3Page - TOCOSAMERICA, INC. RJC06SB101M Datasheet HTML 4Page - TOCOSAMERICA, INC. RJC06SB101M Datasheet HTML 5Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
41
Dimensions
RJC06 Series
RJC06P
P Terminal Style, Single-Slot, Top Adjust
RJC06W
W Terminal Style, Single-Slot, Top Adjust
RJC06S
S Terminal Style, Single-Slot, Side Adjust
RJC06F
F Terminal Style, Single-Slot, Bottom Adjust
RJC06X
X Terminal Style, Single-Slot, Side Adjust
Unit: mm
Ø
6.2
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.3
4.3
0.5
5.0
0.3
2.5
0.3
15.0
2.0
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
6.2
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.3
4.3
0.5
2.5
0.3
2.5
0.3
0.8
15.0
2.0
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
6.2
0.2
6.0
0.5
5.0
0.3
6.8
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.2
2.5 0.2
4.5 0.3
7.7 0.3
1.0
5.0 1.0
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
6.2
0.2
6.0
0.5
5.0
0.3
6.8
0.2
SLOT
0.6W
2.6L
0.8D
0.4
0.2
2.5 0.2
4.5 0.3
7.7 0.3
1.0
5.0 1.0
#1
#3
#2
Ø
0.5 0.1 (3)
SLOT
0.6W
2.6L
0.8D
#1
#3
#2
Ø
0.5 0.1 (3)
Ø
10.5
Max.
4.4
0.3
4.4
0.3
4.4
0.3
7.2
1.0
8.0
1.0
0.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com