Electronic Components Datasheet Search
  English  ▼

X  

SF22 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SF22
Description  2.0A SUPER-FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF22 Datasheet(HTML) 3 Page - Won-Top Electronics

  SF22 Datasheet HTML 1Page - Won-Top Electronics SF22 Datasheet HTML 2Page - Won-Top Electronics SF22 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SF21 – SF27
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
SF21-T3
DO-15
4000/Tape & Reel
SF21-TB
DO-15
3000/Tape & Box
SF21
DO-15
1000 Units/Box
SF22-T3
DO-15
4000/Tape & Reel
SF22-TB
DO-15
3000/Tape & Box
SF22
DO-15
1000 Units/Box
SF23-T3
DO-15
4000/Tape & Reel
SF23-TB
DO-15
3000/Tape & Box
SF23
DO-15
1000 Units/Box
SF24-T3
DO-15
4000/Tape & Reel
SF24-TB
DO-15
3000/Tape & Box
SF24
DO-15
1000 Units/Box
SF25-T3
DO-15
4000/Tape & Reel
SF25-TB
DO-15
3000/Tape & Box
SF25
DO-15
1000 Units/Box
SF26-T3
DO-15
4000/Tape & Reel
SF26-TB
DO-15
3000/Tape & Box
SF26
DO-15
1000 Units/Box
SF27-T3
DO-15
4000/Tape & Reel
SF27-TB
DO-15
3000/Tape & Box
SF27
DO-15
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com