Electronic Components Datasheet Search
  English  ▼

X  

SF63 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SF63
Description  6.0A SUPER-FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF63 Datasheet(HTML) 1 Page - Won-Top Electronics

  SF63 Datasheet HTML 1Page - Won-Top Electronics SF63 Datasheet HTML 2Page - Won-Top Electronics SF63 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF61 – SF66
1 of 3
© 2002 Won-Top Electronics
SF61 – SF66
6.0A SUPER-FAST RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Epoxy: UL 94V-O rate flame retardant
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF61
SF62
SF63
SF64
SF65
SF66
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 6.0A
VFM
0.975
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
35
nS
Typical Junction Capacitance (Note 3)
Cj
120
60
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WT E
PO W E R SEM IC O ND UC TO R S
DO-201AD
Dim
Min
Max
A
25.4
—
B
8.50
9.50
C
1.20
1.30
D
5.0
5.60
All Dimensions in mm


Similar Part No. - SF63

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF63 JGD-SF63 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF63 BYTES-SF63 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Diodes Incorporated
SF63 DIODES-SF63 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
Formosa MS
SF63 FORMOSA-SF63 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF63 TSC-SF63 Datasheet
70Kb / 2P
6.0 AMPS. Super Fast Rectifiers
More results

Similar Description - SF63

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ED602CS WTE-ED602CS Datasheet
49Kb / 3P
6.0A DPAK SURFACE MOUNT SUPER FAST RECTIFIER
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR601 DIODES-FR601 Datasheet
57Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
SF61 DIODES-SF61 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
TAITRON Components Inco...
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
6.0A Super Fast Recovery Rectifier
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
6.0A FAST RECOVERY RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
SF61 ZSELEC-SF61 Datasheet
142Kb / 2P
6.0A SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3K603SF YFWDIODE-D3K603SF Datasheet
340Kb / 3P
6.0A Super Fast Recovery Rectifier Bridge
GBU603SF YFWDIODE-GBU603SF Datasheet
317Kb / 3P
6.0A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com