Electronic Components Datasheet Search
  English  ▼

X  

MBR2060CT Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # MBR2060CT
Description  20A Dual Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBR2060CT Datasheet(HTML) 1 Page - Silicon Standard Corp.

  MBR2060CT Datasheet HTML 1Page - Silicon Standard Corp. MBR2060CT Datasheet HTML 2Page - Silicon Standard Corp. MBR2060CT Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.SiliconStandard.com
1 of 3
12/03/2006 Rev.4.01
MBR/B20xxCT Series
20A Dual Schottky Rectifiers
Rating at 25°C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Voltage ratings available from 35 to 60 Volts
PRODUCT SUMMARY
FEATURES
Plastic packages have Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal-silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C for 10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: JEDEC TO-220AB (MBR...) or ITO-220AB (MBRB...) molded plastic body - for dimensions, see page 3
Terminals: Matte-Sn plated leads, solderable per MIL-STD-750, method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
Pb-free; RoHS-compliant
Parameter
Symbol
MBR2035CT MBR2045CT MBR2050CT MBR2060CT
Units
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
5
35
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
WV
M
W
R
5
35
40
50
6s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
5
35
40
50
6s
t
l
o
V
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
T
t
a
t
C
35°C
1
=
e
c
i
v
e
d
l
a
t
o
T
g
e
l
r
e
P
I
)
V
A
(
F
0
2
0
1
s
p
m
A
g
e
l
r
e
p
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
v
i
t
i
t
e
p
e
r
k
a
e
Pt
aV
d
e
t
a
r
(
R
.
q
s
,
t
a
)
z
H
20k
,
e
v
a
wT
C
5
3
1
=
oC
I
M
R
F
0
2s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
g
e
l
r
e
p
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
5
1s
p
m
A
t
t
a
g
e
l
r
e
p
t
n
e
r
r
u
c
e
g
r
u
s
e
s
r
e
v
e
r
e
v
i
t
i
t
e
p
e
r
k
a
e
P
p =
0
.
2 u
z
H
K
1
,
s
I
M
R
R
0
.
15
.
0s
p
m
A
V
d
e
t
a
r
(
e
g
n
a
h
c
f
o
e
t
a
r
e
g
a
t
l
o
V
R)t
d
/
v
d0
0
0
,
0
1/
V us
ote 1)
N
(
g
e
l
r
e
p
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
V
F
t
l
o
V
I
t
a
F
,
A
0
1
=T
C
5
2
=
oC-
0
8
.
0
I
t
a
F
,
A
0
1
=T
C
5
2
1
=
oC7
5
.
00
7
.
0
I
t
a
F
,
A
02
=T
C
5
2
=
oC4
8
.
05
9
.
0
I
t
a
F
,
A
02
=T
C
5
2
1
=
oC2
7
.
05
8
.
0
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
1)
e
t
o
N
(
g
e
l
r
e
p
T
C
5
2
=
oC
I
R
1
.
05
1
.
0
mA
T
C
5
2
1
=
oC5
10
5
1
g
e
l
r
e
p
e
s
a
c
o
t
n
o
i
t
c
n
u
j
m
o
r
f
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
R
θ C
J
2.0
W
/
°C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Pulse test: 300us pulse width, 1% duty cycle
MBRB2035CT
MBRB2045CT
MBRB2050CT MBRB2060CT
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%


Similar Part No. - MBR2060CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR2060CT DIODES-MBR2060CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2060CT GE-MBR2060CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2060CT MCC-MBR2060CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2060CT FAIRCHILD-MBR2060CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results

Similar Description - MBR2060CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SRF20-03CT FRONTIER-SRF20-03CT Datasheet
125Kb / 2P
20A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF20-03CT-LFR FRONTIER-SRF20-03CT-LFR Datasheet
126Kb / 2P
20A DUAL SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
MBR2060CT DIGITRON-MBR2060CT Datasheet
474Kb / 2P
20A SCHOTTKY RECTIFIERS
MBR2035CT DIGITRON-MBR2035CT Datasheet
1Mb / 4P
20A SCHOTTKY RECTIFIERS
MBR2015CTL DIGITRON-MBR2015CTL Datasheet
666Kb / 3P
20A SCHOTTKY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D_15 Datasheet
242Kb / 2P
20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
20A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
20A Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com