Electronic Components Datasheet Search
  English  ▼

X  

MUR140 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # MUR140
Description  Ultrafast Plastic Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MUR140 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  MUR140 Datasheet HTML 1Page - Silicon Standard Corp. MUR140 Datasheet HTML 2Page - Silicon Standard Corp. MUR140 Datasheet HTML 3Page - Silicon Standard Corp. MUR140 Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MUR140
MUR160
01/01/2007 Rev. 1.00
www.SiliconStandard.com
2
MAXIMUM RATINGS (TA=25℃ unless otherwise specified)
Parameter
Symbols
MUR140
MUR160
Units
Maximum repetitive peak reverse voltage
VRRM
400
600
Volts
Working peak reverse voltage
VRWM
400
600
Volts
Maximum DC blocking voltage
VDC
400
600
Volts
Maximum average forward rectified current at TA =120℃
IF(AV)
1.0
Amp
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
35.0
Amps
Maximum instantaneous forward
voltage (Note 1)
Iat F =1.0A, TJ =25℃
at IF =1.0A, TJ =150℃
VF
1.25 1.05
Volts
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note 1)
TJ =25℃
TJ =150℃
IR
5.0 150
uA uA
Maximum reverse recovery time
at IF =0.5A, IR =1.0A, I rr =0.25A
trr
50
nS
Maximum reverse recovery time
at IF =1.0A, di/dt=50A/us, VR
=30V, I rr =10%
IRM
trr
75
nS
Maximum forward recovery time at IF =1.0A,
di/dt=100A/us, recovery to 1.0V
tfr
50
nS
Typical thermal resistance junction to ambient (Note 2)
RθJA
50
℃
/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
℃
NOTE:
1. Pulse test: tp=300us, duty cycle < 2%
2. Lead length = 3/8” on P.C. Board with 1.5” x 1.5” copper surface



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com