Electronic Components Datasheet Search
  English  ▼

X  

S1A Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # S1A
Description  Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

S1A Datasheet(HTML) 3 Page - Silicon Standard Corp.

  S1A Datasheet HTML 1Page - Silicon Standard Corp. S1A Datasheet HTML 2Page - Silicon Standard Corp. S1A Datasheet HTML 3Page - Silicon Standard Corp. S1A Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S1A – S1M
01/01/2007 Rev. 2.00
www.SiliconStandard.com
3
A
A
RATINGS AND CHARACTERISTIC CURVES
RATINGS AND CHARACTERISTIC CURVES
(VIN = +5V , CIN = 10µF, COUT = 10µF, TA = 25°C , unless otherwise specified.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com