Electronic Components Datasheet Search
  English  ▼

X  

SA5.0 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SA5.0
Description  Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SA5.0 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SA5.0 Datasheet HTML 1Page - Silicon Standard Corp. SA5.0 Datasheet HTML 2Page - Silicon Standard Corp. SA5.0 Datasheet HTML 3Page - Silicon Standard Corp. SA5.0 Datasheet HTML 4Page - Silicon Standard Corp. SA5.0 Datasheet HTML 5Page - Silicon Standard Corp. SA5.0 Datasheet HTML 6Page - Silicon Standard Corp. SA5.0 Datasheet HTML 7Page - Silicon Standard Corp. SA5.0 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SA5.0 - SA180CA
01/10/2007 Rev. 1.00
www.SiliconStandard.com
4
A
ELECTRICAL CHARACTERISTICS (TA = 25°C , unless otherwise specified.)
NOTE:
1. V(BR) measured after IT applied for 300us. IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bidirectional types with VWM of 10 Volts and less, the ID limit is doubled
4. For the bidirectional SA5.0CA, the maximum VBR is 7.25V
5. All terms and symbols are consistent with ANSI/IEEE C62.35
6. For parts without A, the VBR is +10%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com