Electronic Components Datasheet Search
  English  ▼

X  

4F1 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # 4F1
Description  Material specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

4F1 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  4F1 Datasheet HTML 1Page - Ferroxcube International Holding B.V. 4F1 Datasheet HTML 2Page - Ferroxcube International Holding B.V. 4F1 Datasheet HTML 3Page - Ferroxcube International Holding B.V. 4F1 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
251
Ferroxcube
Material specification
4F1
4F1 SPECIFICATIONS
A very high frequency NiZn power material for use in
power and general purpose transformers optimized for
frequencies of 4 - 10 MHz.
SYMBOL
CONDITIONS
VALUE
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
≈ 80
µa
100
°C; 25 kHz;
200 mT
≈ 300
B25
°C; 10 kHz;
3000 A/m
≈ 320
mT
100
°C; 10 kHz;
3000 A/m
≈ 260
PV
100
°C; 3 MHz;
10 mT
≤ 200
kW/m3
100
°C; 10 MHz;
5mT
≤ 200
ρ
DC; 25
°C
≈ 105
Ωm
TC
≥ 260
°C
density
≈ 4600
kg/m3
Fig.1
Complex permeability as
a function of frequency.
handbook, halfpage
1
MBW293
10
102
10
3
1
10 3
10
f (MHz)
µ' ,
s µ''s
4F1
10
2
µ's
µ''s
Fig.2
Initial permeability as a
function of temperature.
handbook, halfpage
500
50
100
500
0
MBW294
300
100
200
300
400
µ
i
T ( C)
o
4F1
0
Fig.3 Typical B-H loops.
handbook, halfpage
100
200
2000
500
0
MBW295
1000
100
200
300
400
100
0
H (A/m)
B
(mT)
4F1
25 oC
100 oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com