Electronic Components Datasheet Search
  English  ▼

X  

SS9175 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS9175
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9175 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS9175 Datasheet HTML 1Page - Silicon Standard Corp. SS9175 Datasheet HTML 2Page - Silicon Standard Corp. SS9175 Datasheet HTML 3Page - Silicon Standard Corp. SS9175 Datasheet HTML 4Page - Silicon Standard Corp. SS9175 Datasheet HTML 5Page - Silicon Standard Corp. SS9175 Datasheet HTML 6Page - Silicon Standard Corp. SS9175 Datasheet HTML 7Page - Silicon Standard Corp. SS9175 Datasheet HTML 8Page - Silicon Standard Corp. SS9175 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS9175/6
Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
FEATURES
DESCRIPTION
Two sets of integrated MOSFET drivers
Fixed operating frequency of 300, 600 or 1000kHz
Dual-phase current-sharing controller to minimize
ripple and improve transient response
Wide input supply range: 4.5V to 16V
Programmable output as low as 0.8v
Internal error amplifier reference voltage of
0.7V +/- 1%
Programmable over-current protection (OCP) with
50% fold-back
Over-voltage protection (OVP)
Soft-start
Remote ON/OFF control
High voltage pin up to 30V for bootstrap voltage
Power-good output signal provided
Current-sharing balance within +/-5% matching
(SS9175CS/SS9176CS)
Two independent PWM controllers (SS9175)
Packaged in SO-20 (9175/CS) or SO-16 (9176CS)
The SS9175/6 series are dual-phase synchronous
DC/DC PWM controllers for power supplies
requiring a single high-current output, or two
independent outputs with high conversion efficiency.
They integrate two sets of internal MOSFET drivers
consisting of high-side and low side driving circuits.
The
internal
temperature-independent
reference
voltage is trimmed to 0.7V +/- 1%, and is connected to
the error amplifier’s positive terminal for voltage
feedback regulation. The over-current protection
(OCP) level, with 50% fold-back, can be programmed
by an external resistor. The over-voltage protection
(OVP) point is fixed at 25% higher above 0.7V. The
soft-start circuit ensures the duty cycle of the PWM
output can be gradually and smoothly increased from
zero to its desired value. The controllers can be
remotely turned ON or OFF to enter into either active
or standby mode, respectively. The SS9175/6
series provides three different options:
The SS9175 is a 20-pin version that is designed for
two independent outputs without current sharing
capability.
The SS9175CS is a 20-pin version designed for
current sharing applications.
The SS9176CS is a 16-pin version for current
sharing applications
.
APPLICATIONS
n CPU and DSP Vcore Power Supply
n Graphic cards
n Telecomm and datacomm POL boards
n Power supplies requiring two independent outputs
12V
1.4v
5V
PWRG
CL1+
CL1-
DH1
DL1
BST1
PGND
COM
VCC
PWRG
IN1
CL2+
CL2-
DH2
DL2
BST2
BSTC
COM
SS/ENB
GND
IN2
1uF
1uF
7.5uH
1k
7.5uH
1k
2.2pF
450uF
0.22uF
50k
50k
10uF
TYPICAL APPLICATION CIRCUIT
Rev.2.02 12/29/2003
PRELIMINARY


Similar Part No. - SS9175

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012 FAIRCHILD-SS9012 Datasheet
41Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results

Similar Description - SS9175

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com